Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM1-6516-9 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HM1-6516-9
Description  2K x 8 CMOS RAM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM1-6516-9 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HM1-6516-9 Datasheet HTML 1Page - Renesas Technology Corp HM1-6516-9 Datasheet HTML 2Page - Renesas Technology Corp HM1-6516-9 Datasheet HTML 3Page - Renesas Technology Corp HM1-6516-9 Datasheet HTML 4Page - Renesas Technology Corp HM1-6516-9 Datasheet HTML 5Page - Renesas Technology Corp HM1-6516-9 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
AC Electrical Specifications VCC = 5V ±10%; TA = -40oC to +85oC (HM-6516B-9, HM-6516-9)
SYMBOL
PARAMETER
LIMITS
UNITS
TEST
CONDITIONS
HM-6516B-9
HM-6516-9
MIN
MAX
MIN
MAX
(1) TELQV
Chip Enable Access Time
-
120
-
200
ns
(Notes 1, 3)
(2) TAVQV
Address Access Time
-
120
-
200
ns
(Notes 1, 3, 4)
(3) TELQX
Chip Enable Output Enable Time
10
-
10
-
ns
(Notes 2, 3)
(4) TWLQZ
Write Enable Output Disable Time
-
50
-
80
ns
(Notes 2, 3)
(5) TEHQZ
Chip Enable Output Disable Time
-
50
-
80
ns
(Notes 2, 3)
(6) TGLQV
Output Enable Output Valid Time
-
80
-
80
ns
(Notes 1, 3)
(7) TGLQX
Output Enable Output Enable Time
10
-
10
-
ns
(Notes 2, 3)
(8) TGHQZ
Output Enable Output DisableTime
-
50
-
80
ns
(Notes 2, 3)
(9) TELEH
Chip Enable Pulse Negative Width
120
-
200
-
ns
(Notes 1, 3)
(10) TEHEL
Chip Enable Pulse Positive Width
50
-
80
-
ns
(Notes 1, 3)
(11) TAVEL
Address Setup Time
0
-
0
-
ns
(Notes 1, 3)
(12) TELAX
Address Hold Time
30
-
50
-
ns
(Notes 1, 3)
(13) TWLWH
Write Enable Pulse Width
120
-
200
-
ns
(Notes 1, 3)
(14) TWLEH
Write Enable Pulse Setup Time
120
-
200
-
ns
(Notes 1, 3)
(15) TELWH
Write Enable Pulse Hold Time
120
-
200
-
ns
(Notes 1, 3)
(16) TDVWH
Data Setup Time
50
-
80
-
ns
(Notes 1, 3)
(17) TWHDX
Data Hold Time
10
-
10
-
ns
(Notes 1, 3)
(18) TELEL
Read or Write Cycle Time
170
-
280
-
ns
(Notes 1, 3)
NOTES:
1. Input pulse levels: 0.8V to VCC - 2.0V; Input rise and fall times: 5ns (max); Input and output timing reference level: 1.5V; Output load:
1 TTL gate equivalent, CL = 50pF (min) - for CL greater than 50pF, access time is derated by 0.15ns per pF.
2. Tested at initial design and after major design changes.
3. VCC = 4.5V and 5.5V.
4. TAVQV = TELQV + TAVEL.
HM-6516



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com