Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM1-6516-9 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HM1-6516-9
Description  2K x 8 CMOS RAM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM1-6516-9 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HM1-6516-9 Datasheet HTML 1Page - Renesas Technology Corp HM1-6516-9 Datasheet HTML 2Page - Renesas Technology Corp HM1-6516-9 Datasheet HTML 3Page - Renesas Technology Corp HM1-6516-9 Datasheet HTML 4Page - Renesas Technology Corp HM1-6516-9 Datasheet HTML 5Page - Renesas Technology Corp HM1-6516-9 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TM
March 1997
HM-6516
2K x 8 CMOS RAM
Features
• Low Power Standby. . . . . . . . . . . . . . . . . . . 275
µW Max
• Low Power Operation . . . . . . . . . . . . . .55mW/MHz Max
• Fast Access Time . . . . . . . . . . . . . . . . . 120/200ns Max
• Industry Standard Pinout
• Single Supply . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0V VCC
• TTL Compatible
• Static Memory Cells
• High Output Drive
• On-Chip Address Latches
• Easy Microprocessor Interfacing
Description
The HM-6516 is a CMOS 2048 x 8 Static Random Access
Memory. Extremely low power operation is achieved by the
use of complementary MOS design techniques. This low
power is further enhanced by the use of synchronous circuit
techniques that keep the active (operating) power low, which
also gives fast access times. The pinout of the HM-6516 is
the popular 24 pin, 8-bit wide JEDEC standard, which allows
easy memory board layouts, flexible enough to accommo-
date a variety of PROMs, RAMS, EPROMs, and ROMs.
The HM-6516 is ideally suited for use in microprocessor
based systems. The byte wide organization simplifies the
memory array design, and keeps operating power down to a
minimum, because only one device is enabled at a time. The
address latches allow very simple interfacing to recent gen-
eration
microprocessors
which
employ
a
multiplexed
address/data bus. The convenient output enable control also
simplifies multiplexed bus interfacing by allowing the data
outputs to be controlled independent of the chip enable.
Ordering Information
120ns
200ns
TEMP. RANGE
PACKAGE
PKG. NO.
HM1-6516B-9
HM1-6516-9
-40oC to +85oC
CERDIP
F24.6
-
29102BJA
-55oC to +125oCJAN#
F24.6
8403607JA
8403601JA
-55oC to +125oCSMD#
F24.6
-
HM4-6516-9
-40oC to +85oC
CLCC
J32.A
8403607ZA
8403601ZA
-55oC to +125oCSMD#
J32.A
Pinouts
HM-6516
(CERDIP)
TOP VIEW
HM-6516
(CLCC)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
A9
W
G
A10
DQ7
DQ5
DQ4
DQ3
A8
E
DQ6
5
6
7
8
11
10
9
13
12
27
28
29
26
25
24
23
22
21
3
2
1
4
32
31
30
16
17
18
19
20
14 15
A6
A5
A4
A3
A2
A1
A0
NC
DQ0
A8
A9
NC
G
A10
E
DQ7
DQ6
W
PIN
DESCRIPTION
NC
No Connect
A0 - A10
Address Inputs
E
Chip Enable/Power Down
VSS/GND
Ground
DQ0 - DQ7 Data In/Data Out
VCC
Power (+5V)
W
Write Enable
G
Output Enable
File Number
2998.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001. All Rights Reserved


Similar Part No. - HM1-6516-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM1-6516-9 INTERSIL-HM1-6516-9 Datasheet
31Kb / 6P
2K x 8 CMOS RAM
March 1997
More results

Similar Description - HM1-6516-9

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Intersil Corporation
HM-6516 INTERSIL-HM-6516 Datasheet
31Kb / 6P
2K x 8 CMOS RAM
March 1997
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
2K x 8 Static RAM
logo
Intersil Corporation
HM-6516883 INTERSIL-HM-6516883 Datasheet
201Kb / 8P
2K x 8 CMOS RAM
March 1997
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
TEMIC Semiconductors
M67132 TEMIC-M67132 Datasheet
707Kb / 15P
2K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
2K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com