Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS0-117RH/SAMPLE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HS0-117RH/SAMPLE
Description  Radiation Hardened Adjustable Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS0-117RH/SAMPLE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HS0-117RH/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HS-117RH, HS-117EH
FN4560 Rev.11.00
Page 8 of 16
Mar 28, 2019
FIGURE 17. POWER-ON VIN = 12V, VOUT = 5V, Rl = 10Ω
FIGURE 18. VIN = 30V, VOUT = 15V, IOUT 0 -1A STEP
FIGURE 19. SHORT-CIRCUIT INTO OVER-TEMPERATURE PROTECTION
FIGURE 20. SHORT-CIRCUIT RECOVERY
FIGURE 21. SHORT-CIRCUIT CURRENT LIMIT DETAIL
FIGURE 22. SHORT-CIRCUIT OVER-TEMPERATURE PROTECTION DETAIL
Typical Performance Curves (Continued)
VIN
VOUT
VIN
VOUT
IIN
VOUT
IADJ
IIN
VOUT
IADJ
IIN
VOUT
IADJ
IIN
VOUT
IADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com