Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS0-117RH/SAMPLE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HS0-117RH/SAMPLE
Description  Radiation Hardened Adjustable Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS0-117RH/SAMPLE Datasheet(HTML) 1 Page - Renesas Technology Corp

  HS0-117RH/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp HS0-117RH/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN4560 Rev.11.00
Page 1 of 16
Mar 28, 2019
FN4560
Rev.11.00
Mar 28, 2019
HS-117RH, HS-117EH
Radiation Hardened Adjustable Positive Voltage Regulator
DATASHEET
The radiation hardened HS-117RH and HS-117EH are
adjustable positive voltage linear regulators capable of
operating with input voltages up to 40VDC. The HS-117EH
encompasses all of the production testing of the HS-117RH
and additionally is tested in the Enhanced Low Dose Rate
Sensitivity (ELDRS) product manufacturing flow. The output
voltage is adjustable from 1.25V to 37V with two external
resistors. The device is capable of sourcing from 5mA to 1.25A
max (0.5A max for the TO-39 package). Current protection is
provided by the on-chip thermal shutdown and output current
limiting circuitry.
The HS-117xH's advantage over other industry types is its
incorporated circuitry that minimizes the effects of radiation
and temperature on device stability.
The HS-117RH and HS-117EH are constructed in the
dielectrically isolated Rad Hard Silicon Gate (RSG) process and
are immune to single event latch-up and are specifically
designed to provide highly reliable performance in harsh
radiation environments.
Applications
• Adjustable voltage regulators
• Adjustable current regulators
Features
• Electrically screened to DLA SMD # 5962-99547
• Superior temperature stability
• Overcurrent and over-temperature protection
• Wide input voltage range . . . . . . . . . . . . . . . . . . 4.25V to 40V
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• QML qualified per MIL-PRF-38535 requirements
•Radiation environment
- SEL/SEB LETTH (VS = 40V) . . . . . . . . . . .87.4 MeV•cm2/mg
- Total Dose, High Dose Rate . . . . . . . . . . . . . . . 300krad(Si)
- Total Dose, Low Dose Rate . . . . . . . . . . . . . . . 100krad(Si)*
* Product capability established by initial characterization. The
EH version is acceptance tested on a wafer-by-wafer basis to
50krad(Si) at low dose rate.
Related Literature
For a full list of related documents, visit our website
• HS-117RH, HS-117EH device pages
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. VOUT SHIFT vs HIGH and LOW DOSE RATE RADIATION
OUTPUT
R1
R2
C1
C2
VOUT = VREF (1+R2/R1) + IADJ R2
VIN
VOUT
HS-117EH
IN
ADJUST
OUT
0
50
100
150
200
250
300
krad(Si)
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
HIGH DOSE RATE
LOW DOSE RATE


Similar Part No. - HS0-117RH/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS0-117RH/SAMPLE RENESAS-HS0-117RH/SAMPLE Datasheet
674Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Aug 12, 2025
More results

Similar Description - HS0-117RH/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-117RH INTERSIL-HS-117RH Datasheet
31Kb / 2P
Radiation Hardened Adjustable Positive Voltage Regulator
2000 02
ISL72991RH INTERSIL-ISL72991RH Datasheet
210Kb / 3P
Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
June 2004
HS-117RH INTERSIL-HS-117RH_03 Datasheet
61Kb / 2P
Radiation Hardened Adjustable Positive Voltage Regulator
logo
Seme LAB
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Aeroflex Circuit Techno...
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8691 AEROFLEX-VRG8691 Datasheet
393Kb / 10P
Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
logo
Renesas Technology Corp
ISL72991RH RENESAS-ISL72991RH Datasheet
562Kb / 15P
Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
ISL75051ASEH RENESAS-ISL75051ASEH Datasheet
1Mb / 22P
3A, Radiation Hardened, Positive, Ultra-Low Dropout Regulator
May 16, 2019
ISL75052SEH RENESAS-ISL75052SEH Datasheet
1Mb / 21P
1.5A, Radiation Hardened, Positive, High Voltage LDO
Feb 9, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com