Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P25Q64U Datasheet(PDF) 39 Page - Puya Semiconductor Co., Ltd.

Part # P25Q64U
Description  Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q64U Datasheet(HTML) 39 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q64U Datasheet HTML 35Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 36Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 37Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 38Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 39Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 40Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 41Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 42Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 43Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
P25Q64U Datasheet
Puya Semiconductor
Page 39 of 97
10.12 Read Data Bytes at Higher Speed in QPI mode
The Fast Read command is also supported in QPI mode. In QPI mode, the number of dummy clocks is
configured by the “Set Read Parameters (C0H)” command to accommodate a wide range application with
different needs for either maximum Fast Read frequency or minimum data access latency. Depending on the
Read Parameter Bits P[5:4] setting, the number of dummy clocks can be configured as either 4/6/8.
Figure 10-12 Read at Higher Speed Sequence (QPI)
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
Command
0BH A23-16
A15-8
A7-0
Dummy*
IO switch from
input to output
Byte1
Byte2
*“Set Read Parameters” command (C0H)
can set the number of dummy clocks
20
16
12
8
4
0
4
0
4
0
4
0
4
21
17
13
9
5
1
5
1
5
1
5
1
5
22
18
14
10
6
2
6
2
6
2
6
2
6
23
19
15
11
7
3
7
3
7
3
7
3
7
0
1
2
3
4
5
6
7
8
9
10
11
12 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com