Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MHV2-2.6W Datasheet(PDF) 4 Page - Bellnix Co.,Ltd.

Part # MHV2-2.6W
Description  0V-470V、1000V、1500V、2000V MHV Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

MHV2-2.6W Datasheet(HTML) 4 Page - Bellnix Co.,Ltd.

  MHV2-2.6W Datasheet HTML 1Page - Bellnix Co.,Ltd. MHV2-2.6W Datasheet HTML 2Page - Bellnix Co.,Ltd. MHV2-2.6W Datasheet HTML 3Page - Bellnix Co.,Ltd. MHV2-2.6W Datasheet HTML 4Page - Bellnix Co.,Ltd. MHV2-2.6W Datasheet HTML 5Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MHV Series
■ Vref pin (standard voltage output)
■ Recommended soldering conditions
When adjusting the output voltage with an adjustable
Soldering conditions for each part is as follows:
resistor, this pin is used. Vref has a standard output
1)Using a soldering iron
340 to 360℃
5 sec.
voltage of 4V. In this case, use an external resistor with
2)Using a soldering tub
230 to 260℃
10 sec.
a resistance of 5KΩ.
The resistance(the margin of error) of external adjustable
■ Lowering the output noise even farther
resistor will affect the setting value of Vref pin voltage,
The MHV series does need any external parts, however
so use a resistor with an
accuracy of 5KΩ±5%.
to lower the output noise even farther, connect a
The type of adjustable resistor will not matter, however one
capacitor C2 like the figure below.
with a well temperature coefficient is recommended.
When lowering the output noise even more, keep in mind the
input/output wiring, creepage and area distance, while
keeping the wiring as thin as possible and layout the C2 near
■ Temperature derating
the Load.
When using the product where the ambient temp. is
higher than 50℃, follow the derating graph below.
1) When choosing a capacitor that connect to the input, choose
The minimum load resistance is set for each series.
one which is a high frequency characteristic capacitor.
When using higher than 50℃, set the load resistance
2) Common line should be designed thick and short to make same
high by following the below graph.
impeadance small.
3) The capacitor which is connected to the output side should
be able to withstand the pressure, and connect to the load side.
At this time, the capacitor lead should be shortened. Also,
when the load response time is a problem, please be aware
of the time constant.
■ Safety standard
The MHV series has attained the UL/c-UL certification
  ・UL60950-1 1st Ed.
  ・c-UL(CSA22.2 No.60950-1-03 1st Ed.)
When using the MHV series as a Recognized certified product
please mount an input fuse as shown below.
■ Prevention of inverse input connections
The converter may break if the polarities are reversed.
If there is a possibility in which the connections maybe
reversed, connect a diode and fuse to the input pin
like below.
Choose a fuse from below:
  ・UL Listed products
  ・DC250V、Rated current 2A type
Bellnix High Voltage DC-DC Converters
Point!
Vout (com)
Vcont
Vref
Vref voltage : 4±0.3V
3
4
Standard
voltage
origin circuit
External adjustable resistor (5.0KΩ)
6
MHV Series
12V
+Vin
-Vin
Vout (+ or -)
Vout (Com)
Vref Vcont
Load
1
2
(OPEN)
4
6
3
+
C1
C2
7
+
C1=47μF
C2=4700pF
5
ON/OFF
SW1
SW1
Open=ON
Short=OFF
Output voltage
control
MHV
(Impress 0V to 4V)
12V
+Vin
-Vin
Vout (+ or -)
Vout (Com)
Vref Vcont
Load
1
2
(OPEN)
4
6
3
+
C1
C2
7
+
C1=22 to 47μF
C2=0.047 to 0.1μF
5
ON/OFF
SW1
SW1
Open=ON
Short=OFF
Output voltage control
(Impress 0V to 4V)
MHV
12V
+
Fuse
+Vin
-Vin
MHV
100
80
60
40
20
0
-20
-10
0
+10 +20 +30 +40 +50 +60
Ambient temp. (℃)
Start up is possible in this area. However the reliability
is not guaranteed.
(%)
4
BHV20110406



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com