Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MHV2-2.6W Datasheet(PDF) 2 Page - Bellnix Co.,Ltd.

Part # MHV2-2.6W
Description  0V-470V、1000V、1500V、2000V MHV Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

MHV2-2.6W Datasheet(HTML) 2 Page - Bellnix Co.,Ltd.

  MHV2-2.6W Datasheet HTML 1Page - Bellnix Co.,Ltd. MHV2-2.6W Datasheet HTML 2Page - Bellnix Co.,Ltd. MHV2-2.6W Datasheet HTML 3Page - Bellnix Co.,Ltd. MHV2-2.6W Datasheet HTML 4Page - Bellnix Co.,Ltd. MHV2-2.6W Datasheet HTML 5Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
■ Model/Dimensions/Pin configuration (M-11 case)
Weight : 65g typ.
Units : mm
Tolerance unless otherwise specified ±0.5
1)Pins
 
Material : Phosphorous bronze
Treatment:Ni base Au coating
2)Case
Material : Brass
Treatment : Nickel coating
■ Standard usage instructions
■ ON/OFF control
By opening and closing the ON/OFF pin and -Vin pin
the external voltage can be turned on and off.
Between the ON/OFF pin (5) and -Vin pin (2)
    1) Open will turn the output ON
    2) Short(0 to 1.0V、1mAmax) will turn the output OFF
The ON/OFF pin is internally pulled up to the +Vin, so be careful
of the voltage from the switching element of the ON/OFF pin
(photo couplers, transistors, etc)
Keep the (5) open when not using the ON/OFF control.
The MHV series does not require any external parts,
however when the impedance is high, for example:
the distance between the power supply and converter
long, the input line is thin, or the input side has a filter
then connecting a capacitor C1 to the input side is
recommended.
The chattering to the ON/OFF pin will affect the output voltage,
Place the capacitor as close as possible near to the
so choose one without any chattering. When the output is turned off
converter pin side, to lower the lead inductance.
by ON/OFF control, the residual output voltage should be within 0.5%.
Bellnix High Voltage DC-DC Converters
UL Certified product (UL File No:E305960)
38.1
7.62
40.64
5.0
7-□0.65
110.0±1.0
2.54×4=10.16
(4.2)
0.35t=0
CL
12V
+Vin
-Vin
Vout (+ or -)
Vout (Com)
Vref
Vcont
Load
1
2
(OPEN)
4
6
3
+
C1
C2
7
+
C1=47 μ F
C2=4700pF
Output voltage control
(Impress 0V to 4V)
5
ON/OFF
SW1
SW1
Open=ON
Short=OFF
MHV
pin-NO.
1
2
3
4
5
6
pin name
Vout (com)
ON/OFF
Vref
Vcont
-Vin
+Vin
7
Vout (+ or -)
2.0
5.0
CL
-Vin
ON/OFF
(5)
(2)
Non-isolation type
-Vin
ON/OFF
(5)
(2)
Isolation type
2
BHV20110406



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com