Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLV57 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLV57
Description  UHF linear push-pull power transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV57 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLV57 Datasheet HTML 1Page - NXP Semiconductors BLV57 Datasheet HTML 2Page - NXP Semiconductors BLV57 Datasheet HTML 3Page - NXP Semiconductors BLV57 Datasheet HTML 4Page - NXP Semiconductors BLV57 Datasheet HTML 5Page - NXP Semiconductors BLV57 Datasheet HTML 6Page - NXP Semiconductors BLV57 Datasheet HTML 7Page - NXP Semiconductors BLV57 Datasheet HTML 8Page - NXP Semiconductors BLV57 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1998 Feb 09
2
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV57
FEATURES
• internally matched input for wideband operation and
high power gain
• internal midpoint (r.f. ground) reduces negative
feedback and improves power gain
• increased input and output impedances (compared with
single-ended transistors) simplify wideband matching
• length of the external emitter leads is not critical
• diffused emitter ballasting resistors for an optimum
temperature profile
• gold metallization ensures excellent reliability.
DESCRIPTION
Two n-p-n silicon planar epitaxial transistor sections in one
package to be used as push-pull amplifier, primarily
intended for use in linear u.h.f. television transmitters and
transposers.
The package is an 8-lead flange type with a ceramic cap.
All leads are isolated from the flange.
PINNING - SOT161A
PIN
SYMBOL
DESCRIPTION
1
e
emitter
2
e
emitter
3
c2
collector 2
4
b2
base 2
5
c1
collector 1
6
b1
base 1
7
e
emitter
8
e
emitter
Fig.1 Simplified outline and symbol.
handbook, halfpage
MBC826
1
3
5
78
6
4
2
Top view
QUICK REFERENCE DATA
R.F. performance in linear amplifier
Notes
1. Three-tone test method (vision carrier
−8 dB, sound carrier −7 dB, sideband signal −16 dB), zero dB corresponds to
peak sync level.
2. Power gain compression is 1 dB.
MODE OF
OPERATION
fvision
MHz
VCE
V
IC1 =IC2
A
IC(ZS)
A
Th
°C
dim(1)
dB
Po sync(1)
W
PL
W
Gp
dB
class-A
860
25
0,85
−
70
25
−60
−55
〉
typ.
6
12
−
〉
typ.
8,0
9,0
class-AB
860
25
1,25
2
× 0,1
25
−−
typ. 38(2)
typ.
6,5(2)
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com