Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLV57 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLV57
Description  UHF linear push-pull power transistor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV57 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLV57 Datasheet HTML 1Page - NXP Semiconductors BLV57 Datasheet HTML 2Page - NXP Semiconductors BLV57 Datasheet HTML 3Page - NXP Semiconductors BLV57 Datasheet HTML 4Page - NXP Semiconductors BLV57 Datasheet HTML 5Page - NXP Semiconductors BLV57 Datasheet HTML 6Page - NXP Semiconductors BLV57 Datasheet HTML 7Page - NXP Semiconductors BLV57 Datasheet HTML 8Page - NXP Semiconductors BLV57 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1998 Feb 09
3
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV57
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Note
1. Dissipation of either transistor section should not exceed half rated dissipation.
Collector-emitter voltage
(peak value); VBE =0
vCESM
max.
50 V
open base
VCEO
max.
27 V
Emitter-base voltage (open collector)
VEBO
max.
3,5 V
Collector current per transistor section
d.c. or average
IC; IC(AV)
max.
2 A
(peak value); f
〉 1 MHz
ICM
max.
4 A
Total power dissipation at Tmb =25 °C(1)
Ptot
max.
77 W(1)
R.F. power dissipation (f
〉 1 MHz); Tmb =25 °C(1)
Prf
max.
93 W(1)
Storage temperature
Tstg
−65 to + 150 °C
Operating junction temperature
Tj
max.
200
°C
Fig.2 D.C. SOAR.(1)
(1) Second breakdown limit
(independent of temperature).
handbook, halfpage
10
1
MGP358
110
102
IC1 + IC2
(A)
VCE (V)
(1)
Tmb = 25 °C
Th = 70 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com