Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF4SAM3X84/9BA659 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MF4SAM3X84/9BA659
Description  MIFARE SAM AV3 secure access module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF4SAM3X84/9BA659 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MF4SAM3X84/9BA659 Datasheet HTML 9Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 10Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 11Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 12Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 13Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 14Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 15Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 16Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
NXP Semiconductors
MF4SAM3x
MIFARE SAM AV3 secure access module
Conditions: VDD = 1.62 V to 5.5 V; VSS = 0 V; Tamb = -25 °C to +85 °C, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IIH2(max): VI = 0.7 VDD,
VDD = VDD(max) of the respective
supply voltage class A, B or C
IIL2
HIGH-level input current
(weak pull-up is on)
0 V ≤ VI ≤ 0.3 VDD;
Test conditions for the maximum
absolute value:
IIL2(max): VI = 0V,
VDD = VDD(max) of the respective
supply voltage class A, B or C
-
-
-20
μA
II2
input current
(weak pull-up is on)
0 V ≤ VI ≤ VDD;
Test conditions for the maximum
absolute value:
II2(max): VI = 0 V,
VDD = VDD(max) of the respective
supply voltage class A, B or C
0
-
-20
μA
IILIH2
leakage input current at
input voltage beyond VDD
VDD < VI ≤ VDD + 0.3 V; -25 °C ≤
Tamb ≤ +85 °C
Test conditions: VI = VDD + 0.3 V;
VDD = VDD(max) of the respective
supply voltage class A, B or C;
Tamb = +85 °C
-
-
20
μA
-0.3 V ≤ VI < 0 V; -25 °C ≤ Tamb ≤
+30 °C
Test conditions: VI = -0.3 V;
VDD = VDD(max) of the respective
supply voltage class A, B or C;
Tamb = +30 °C
-
-
-50
μA
IILIL2
leakage input current at
input voltage below VSS
-0.3 V ≤ VI < 0 V; +30 °C < Tamb
≤ +85 °C
Test conditions: VI = -0.3 V;
VDD = VDD(max) of the respective
supply voltage class A, B or C;
Tamb = +85 °C
-
-
-200
μA
Table 7. Electrical DC characteristics of Inputs CLK and RST_N[1][2]...continued
[1]
The active low RST_N input and outside reset state also the CLK input internally activate a resistive pull-down device to VSS. Accordingly a current is
flowing into the pad at voltages above 0 V. Figure 7 shows this input characteristic. In CLOCKSTOP mode the preferred electrical state on CLK is a LOW
level, in order to minimize the power consumption.
[2]
The CLK input internally has a resistive pull-up device to VDD activated during IC reset. Accordingly a current is flowing out of the pad at voltages below
VDD. Figure 8 shows this input characteristic.
Conditions: (A) VDD = 1.62 V to 1.98 V: VDDAE = VDD;
(B) VDD= 2.2 V to 5.5 V (i.e. outside Class C supply range): VDDAE(NOM) = 1.8 V;
VSS = 0 V; Tamb = -25 °C to +85 °C, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIHT
HIGH-level input voltage
0.7 VDDAE -
VDDAE + 0.3 V
Table 8. Electrical DC characteristics of TP1 and TP2
MF4SAM3X_SDS
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.1 — 1 July 2023
13 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com