Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF4SAM3X84/9BA659 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MF4SAM3X84/9BA659
Description  MIFARE SAM AV3 secure access module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF4SAM3X84/9BA659 Datasheet(HTML) 2 Page - NXP Semiconductors

  MF4SAM3X84/9BA659 Datasheet HTML 1Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 2Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 3Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 4Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 5Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 6Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 7Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 8Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
NXP Semiconductors
MF4SAM3x
MIFARE SAM AV3 secure access module
2 Features and benefits
2.1 Cryptography
• Supports MIFARE Crypto1, DES, TDEA (112 and 168 bits), AES (128, 192 and 256 bits), RSA (up to 2048
bits) and ECC (up to 256 bits) cryptography
• Supported NXP’s products:
– MIFARE DESFire, MIFARE DESFire EV1, MIFARE DESFire EV2
– MIFARE Plus, MIFARE Plus EV1
– MIFARE Classic, MIFARE Classic EV1
– MIFARE Ultralight EV1, MIFARE Ultralight C
– MIFARE DESFire Light
– NTAG DNA
– ICODE DNA
– UCODE DNA
• Secure storage and updating of keys
– 128 key entries for symmetric cryptography
– 3 RSA key entries for asymmetric cryptography
– 8 ECC public key entries for signature verification
– 4 ECC curves entries
– 48 EMV CA public key entries (supports 8 RID minimum)
• SHA-1, SHA-224 and SHA-256 hashing computation
• TDEA and AES-based key diversification
• Generic cryptography commands for user-defined schemes
• Supports EMVCo terminal functionality
• True random number generator (TRNG) compliant to AIS-31
2.2 Communication
• ISO/IEC 7816 (part 2 and 3) contact interface
– Support Class A, B and C operating condition
– Support ISO/IEC 7816 baud rates
– Support high-speed baud rates up to 1.5 Mbit/s
• Optional I2C slave mode host interface (only available on HVQFN package)
• Communication protocol compliant with ISO/IEC 7816-3 T=1 protocol
• Up to four logical channels; simultaneous multiple card support
• Support for MIFARE DESFire and MIFARE Plus authentication (with related secure messaging and session
key generation)
• Secure Host to SAM and back end to SAM communication with symmetric cryptography including 3-pass
authentication for confidentiality and integrity
• Secure Host to SAM and back end to SAM communication with RSA-based cryptography for key updating
• X-mode direct interface with NXP’s contactless reader ICs (RC663, RC52x, PN512)
MF4SAM3X_SDS
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.1 — 1 July 2023
2 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com