Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDK135/D Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # SDK135/D
Description  Embedded SDK (Software Development Kit)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SDK135/D Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button SDK135/D Datasheet HTML 30Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 31Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 32Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 33Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 34Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 35Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 36Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 37Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
3-10
Type 1 Telephony Features Library
MOTOROLA
Type 1 Telephony Features Library Interfaces
3.3.4 Type1CID
Call(s):
void Type1CID(cid_sData *pData, teldef_tsControl *pControl, teldef_tsSample
*pSample);
Required Headers: teldefs.h, cid1.h
Arguments:
Table 3-4. Type1CID Arguments
Description: The Type1CID function performs on-hook FSK reception. According to the control
information from its arguments, it enables the FSK receiver and passes the FSK to the upper layer process
to display the data. This function should be called 1600 times per second.
hookSwitch = 0 (on-hook):
•
pSample.line[] samples are inputs to this function and are decoded into data bytes when caller ID
is present
•
pSample.line[] samples are outputs from this function and are ringer generator samples when
ringing is present; otherwise, these samples are filled with zeros
•
pSample.audio[] samples are ignored and filled with zeros
hookSwitch = 1 (off-hook):
•
If handsFreeLayer1 is set, pSample.gec[] are copied into pSample.line[] samples; otherwise,
pSample.line[] samples are unchanged
•
If a DTMF digit has been requested by setting dtmfRequest, pSample.audio[] is filled with DTMF
samples; otherwise, pSample.audio[] samples are unchanged
Returns: None
Special Issues: None
Code Example: None
pData
inout
Points to the structure where FSK static data is stored
pControl
inout
Points to the structure where input and output control information is
stored
pSample
inout
Points to the structure where the voice samples are stored
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com