Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDK135/D Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # SDK135/D
Description  Embedded SDK (Software Development Kit)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SDK135/D Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button SDK135/D Datasheet HTML 14Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 15Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 16Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 17Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 18Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 19Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 20Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 21Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
1-4
Type 1 Telephony Features Library
MOTOROLA
Introduction
The rest of this section describes the operation at a system level of a generic FSK receiver, the major com-
ponent of this Library. Figure 1-1 provides a high-level example of a generic FSK receiver used in the
Type 1 Telephony Features Library. The FSK receiver is shown inside the dashed lines in Figure 1-1. The
components shown outside the dashed lines are not supplied with the Type 1 Telephony Features Library.
Figure 1-1. The Functional Blocks of a Generic Type 1 Telephony Solution
The FSK receiver performs noise filtering, signal detection, demodulation, and framing, then passes Caller
ID (or VMWI, etc.) to the application layer to display on the CPE. The FSK receiver is always enabled, so
it can receive VMWI without power ringing. If receiving Caller ID, power ringing will be signaled to the
DSP to disable the FSK receiver during the ringing. The digital samples must be collected with an ADC at
Tip
Ring
DAA
ADC
BPF
AGC
Demodulator
LPF
Decision Maker
Slicer
Framing
Parser
Functional
Blocks of a
Generic FSK
Receiver
Screen
Hour : Minute
Month : Day
Number
Name
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com