Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADATE206 Datasheet(PDF) 5 Page - Analog Devices

Part # ADATE206
Description  500 MHz Dual DCL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE206 Datasheet(HTML) 5 Page - Analog Devices

  ADATE206 Datasheet HTML 1Page - Analog Devices ADATE206 Datasheet HTML 2Page - Analog Devices ADATE206 Datasheet HTML 3Page - Analog Devices ADATE206 Datasheet HTML 4Page - Analog Devices ADATE206 Datasheet HTML 5Page - Analog Devices ADATE206 Datasheet HTML 6Page - Analog Devices ADATE206 Datasheet HTML 7Page - Analog Devices ADATE206 Datasheet HTML 8Page - Analog Devices ADATE206 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADATE206
Rev. 0 | Page 5 of 16
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Settling Time to 15 mV
8
ns
Terminated, VIH = 3 V,
VIL = 0.0 V, VIT = 0.0 V
Settling Time to 4 mV
32
ns
Terminated, VIH = 3 V, VIL = 0.0 V,
VIT = 0.0 V
Rise and Fall Time Temperature Coefficient
500 mV Swing
2
ps/°C
Terminated 10% to 90%,
VIH = 1.0 V, VIL = 0.0 V,
VIT = 0.0 V, 65°C to 85°C
1 V Swing
2
ps/°C
Terminated 10% to 90%,
VIH = 2.0 V, VIL = 0.0 V,
VIT = 0.0 V, 65°C to 85°C
3 V Swing
2
ps/°C
Unterminated 10% to 90%,
VIH = 3.0 V, VIL = 0.0 V,
VIT = 0.0 V, 65°C to 85°C
5 V Swing
2
ps/°C
Unterminated 10% to 90%,
VIH = 5.0 V, VIL = 0.0 V,
VIT = 0.0 V, 65°C to 85°C
Overshoot and Preshoot 200 mV swing
1
%
Terminated, VIH = 400 mV
Overshoot and Preshoot 1 V swing
1
%
Terminated, VIH = 2 V
Overshoot and Preshoot 3 V swing
2
%
Unterminated
Overshoot and Preshoot 5 V swing
2
%
Unterminated
Dynamic Performance, Inhibit
Delay Time, Active High to Inhibit3
3.1
ns
Terminated, VIH = 3.0 V,
VIL = −1.0 V
Delay Time, Active Low to Inhibit3
2.1
ns
VH = 3.0 V, VL = −1.0 V,
terminated 50 Ω
Delay Time, Inhibit to Active High3
2.5
ns
Terminated, VIH = 3.0 V,
VIL = −1.0 V
Delay Time, Inhibit to Active Low3
3.9
ns
Terminated, VIH = 3.0 V,
VIL = −1.0 V
I/O Spike
350
mV
Terminated, VIH = 0.0 V,
VIL = 0.0 V, VIT = 0.0 V
CLAMPS
VCPH, VCPL Clamp Inputs
VCPH Voltage Range
CLAMPL
6.8
V
VCPL Voltage Range
−1.8
CLAMPH
V
Input Bias Current
−50
−2
+50
μA
Maximum value bias of
reference sweep = −1.8 V to
+6.8 V
Absolute Accuracy VCPH, VCPL
VCPH Offset
−100
+55
+100
mV
Driver = INH, VCPH = 0 V
VCPH Gain Error
1
V/V
VCPH Linearity Error
+10
mV
Driver = INH, relative to line
between 0 V to 4.5 V,
VCPH = −1.5 V to +6.5 V,
VCPL = −1.8 V
VCPL Offset
−100
+55
+100
mV
Driver = INH, VCPL = 0 V
VCPL Gain Error
1
V/V
VCPL Linearity Error
+10
mV
Driver = INH, relative to line
between 0 V to 4.5 V,
VCPL = −1.5 V to +6.5 V,
VCPH = 6.5 V
COMPARATOR DC SPECIFICATIONS4
DC Input Characteristics (VOH, VOL)
Bias Current
−10
+5
+10
μA
VOH and VOL = −1.5 V to +6.5 V
Voltage Range
−1.5
+6.5
V
Differential Voltage
−8.0
+8.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com