Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADATE206 Datasheet(PDF) 7 Page - Analog Devices

Part # ADATE206
Description  500 MHz Dual DCL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE206 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADATE206 Datasheet HTML 3Page - Analog Devices ADATE206 Datasheet HTML 4Page - Analog Devices ADATE206 Datasheet HTML 5Page - Analog Devices ADATE206 Datasheet HTML 6Page - Analog Devices ADATE206 Datasheet HTML 7Page - Analog Devices ADATE206 Datasheet HTML 8Page - Analog Devices ADATE206 Datasheet HTML 9Page - Analog Devices ADATE206 Datasheet HTML 10Page - Analog Devices ADATE206 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADATE206
Rev. 0 | Page 7 of 16
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VDUT Range
−1.5
+6.5
V
VDUT − VCOM > 1.0 V;
IOH = 0 mA to 35 mA
VDUT Range
−1.5
+6.5
V
VCOM − VDUT > 1.0 V;
IOL = 0 mA to 35 mA
Output characteristics
Gain
9.5
10
10.5
mA/V
Slope of line between 5 mA and
30 mA
Load Offset, IOH, IOLT
−200
+200
μA
IOH and IOL programmed at
20 mV (200 μA)
Load Nonlinearity, IOH, IOLT
−50
+50
μA
Relative to a line from 5 mA to
30 mA; IOL, IOH from 200 μA to
35 mA
Output Current Tempco, IOH, IOLT
±3
μA/C
Measured at IOH, IOL = 30 mA
VCOM Buffer (Through Bridge)
VCOM Buffer Offset
10
3
10
mV
IOL, IOH = 20 mA, VCOM = 0 V
VCOM Buffer Bias Current
−10
+1
+10
μA
VCOM = −1.5 V to +6.5 V
VCOM Buffer Gain
0.99
1
1.01
V/V
IOL, IOH = 20 mA,
VCOM = −1.5 V to +6.5 V
VCOM Buffer Linearity Error
−10
+1
+10
mV
IOL, IOH = 20 mA,
VCOM = −1.5 V to +6.5 V, relative
to a line at 0 V and 5 V
Dynamic Performance
Propagation Delay—IMAX to INHIBIT
2.3
ns
VTT = 2 V, VCOM = 4 V/0 V,
IOL = 20 mA, IOH = 20 mA
INHIBIT to IMAX
2.3
ns
VTT = 2 V, VCOM = 4 V/0 V,
IOL = 20 mA, IOH = 20 mA
TOTAL FUNCTION
Output Leakage Current
−1.5
+0.28
+1.5
μA
Driver = INH, VDUT swept from
−1.5 V to +6.5 V
Output Leakage Current, Low Leakage Mode
−200
+10
+200
nA
Driver = INH, VDUT swept from
−1.5 V to +6.5 V
Output Capacitance
2
pF
Power Supplies5
Total Supply Range
15.5
V
Positive Supply, VCC
9.75
10.0
10.25
V
Negative Supply, VEE
−5.25
−5.0
−4.75
V
Positive Supply Current, VCC
190
210
245
mA
Load enabled at 20 mA, driver is
set to VIL = 0 V
Negative Supply Current, VEE
240
270
300
mA
Load enabled at 20 mA, driver is
set to VIL = 0 V
Total Power Dissipation
2.5
3.5
4
W
Load enabled at 20 mA, driver is
set to VIL = 0 V
Positive Supply Current Load Disabled, VCC
145
165
200
mA
Load enabled at 0 mA, driver is
set to VIL = 0 V
Negative Supply Current Load Disabled, VEE
190
220
250
mA
Load enabled at 0 mA, driver is
set to VIL = 0 V
Total Power Dissipation
1.8
2.8
3.3
W
Load enabled at 0 mA, driver is
set to VIL = 0 V
Temperature Sensor Gain Factor
10
mV/°C
Five diodes in series
1 1 μs period, pulse width = 50 ns to 500 ps, pulse width measured when amplitude drops 10%.
2 Measured at 50% of input amp to 50% of output amp.
3 tPD measured from the 50% of enable signal to 50% of output.
4 The low leakage mode of the comparator, controlled by VLLM input, reduces the leakage due to the comparator input. The comparator operates in this mode, but its
bandwidth is compromised and is not guaranteed.
5 Under no circumstances should the input voltages exceed the supply voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com