Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9992BBCZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 39Page - Analog Devices AD9992BBCZ Datasheet HTML 40Page - Analog Devices AD9992BBCZ Datasheet HTML 41Page - Analog Devices AD9992BBCZ Datasheet HTML 42Page - Analog Devices AD9992BBCZ Datasheet HTML 43Page - Analog Devices AD9992BBCZ Datasheet HTML 44Page - Analog Devices AD9992BBCZ Datasheet HTML 45Page - Analog Devices AD9992BBCZ Datasheet HTML 46Page - Analog Devices AD9992BBCZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
AD9992
Rev. C | Page 43 of 92
MODE Registers
The MODE registers are used to select the field timing of the
AD9992. Typically, all of the field, V-sequence, and V-pattern
information is programmed into the AD9992 at startup. During
operation, the MODE registers allow the user to select any com-
bination of field timing to meet the requirements of the system.
The advantage of using the MODE registers in conjunction with
preprogrammed timing is that it greatly reduces the system pro-
gramming requirements during camera operation. Only a few
register writes are required when the camera operating mode is
changed, rather than having to program all of the vertical timing
information with each camera mode change.
A basic still camera application can require six fields of vertical
timing—one for draft mode operation, one for autofocusing,
and four for still image readout. All of the register timing
information for the six fields is loaded at startup. Then, during
camera operation, the MODE registers select which field timing is
active, depending on how the camera is being used.
Table 20 shows how the MODE registers are used. The MODE
register (Address 0x2A) specifies how many total fields are
used. Any value from 1 to 7 can be selected using these three
bits. The other two registers (0x2B and 0x2C) are used to select
which of the programmed fields are used and in which order.
Up to seven fields can be used in a single MODE write. The
AD9992 starts with the field timing specified by FIELD0 and,
on the next VD, switches to the timing specified by FIELD1 and
so on. After completing the total number of fields specified by
MODE, the AD9992 repeats by starting at the first field. This
continues until a new write to the MODE register occurs. Figure 54
shows example MODE register settings for different field con-
figurations.
Note that only a write to Address 0x2C properly resets the field
counter. Therefore, when changing the values in any of the mode
registers, it is recommended that all three registers be updated
together in the same field (VD period).
Caution
The MODE registers are SCK updated by default. If they are
configured as VD-updated registers by writing Address 0xB4 =
0x03FF and Address 0xB5 = 0xFC00, the new MODE information
is updated on the second VD falling edge after the write occurs,
rather than on the first VD falling edge (see Figure 53).
Table 20. MODE Registers—VD Updated
Address
Name
Length
Description
2A
MODE
3b
Total number of fields to cycle through. Set from 1 to 7.
2B
FIELD0
5b
Selected FIELD (from FIELD registers in configurable memory) for the first field to cycle through.
FIELD1
5b
Selected FIELD (from FIELD registers in configurable memory) for the second field to cycle through.
FIELD2
5b
Selected FIELD (from FIELD registers in configurable memory) for the third field to cycle through.
FIELD3
5b
Selected FIELD (from FIELD registers in configurable memory) for the fourth field to cycle through.
FIELD4
5b
Selected FIELD (from FIELD registers in configurable memory) for the fifth field to cycle through.
2C
FIELD5
5b
Selected FIELD (from FIELD registers in configurable memory) for the sixth field to cycle through.
FIELD6
5b
Selected FIELD (from FIELD registers in configurable memory) for the seventh field to cycle through.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com