Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9992BBCZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 25Page - Analog Devices AD9992BBCZ Datasheet HTML 26Page - Analog Devices AD9992BBCZ Datasheet HTML 27Page - Analog Devices AD9992BBCZ Datasheet HTML 28Page - Analog Devices AD9992BBCZ Datasheet HTML 29Page - Analog Devices AD9992BBCZ Datasheet HTML 30Page - Analog Devices AD9992BBCZ Datasheet HTML 31Page - Analog Devices AD9992BBCZ Datasheet HTML 32Page - Analog Devices AD9992BBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
AD9992
Rev. C | Page 29 of 92
VERTICAL SEQUENCES (VSEQ)
The vertical sequences are created by selecting one of the V-pattern
groups and adding repeats, start position, horizontal clamping,
and blanking information. The V-sequences are programmed
using the registers shown in Table 14. Figure 35 shows how
the different registers are used to generate each V-sequence.
The VPATSELA, VPATSELB, VPATSELC, and VPATSELD
registers select which V-pattern is used in a given V-sequence.
Having four groups available allows different vertical outputs to
be mapped to different V-patterns. The selected V-pattern group
can have repetitions added for high speed line shifts or for line
binning by using the VREP registers for odd and even lines.
Generally, the same number of repetitions is programmed
into both registers. If a different number of repetitions is required
on odd and even lines, separate values can be used for each
register (see the Generating Line Alternation for V-Sequences
and HBLK section). The VSTARTA and VSTARTB registers
specify where in the line the V-pattern group starts. The
VMASK_EN register is used with the FREEZE/RESUME
registers to enable optional masking of the V-outputs. Either or
both of the FREEZE1/RESUME1 and FREEZE2/RESUME2
registers can be enabled.
The line length (in pixels) is programmable using the HDLEN
registers. Each V-sequence can have a different line length to
accommodate various image readout techniques. The maximum
number of pixels per line is 8192. The last line of the field is
programmed separately using the HDLASTLEN register, which
is located in the field register section.
VREP 3
HD
XV1 TO XV24
V-PATTERN GROUP
1
3
CLPOB
HBLK
2
44
VREP 2
5
6
PROGRAMMABLE SETTINGS FOR EACH VERTICAL SEQUENCE:
1START POSITION IN THE LINE OF SELECTED V-PATTERN GROUP.
2HD LINE LENGTH.
3V-PATTERN SELECT (VPATSEL) TO SELECT ANY V-PATTERN GROUP.
4NUMBER OF REPETITIONS OF THE V-PATTERN GROUP (IF NEEDED).
5START POLARITY AND TOGGLE POSITIONS FOR CLPOB AND PBLK SIGNALS.
6MASKING POLARITY AND TOGGLE POSITIONS FOR HBLK SIGNAL.
Figure 35. V-Sequence Programmability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com