Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5308 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5308 Datasheet HTML 1Page - ON Semiconductor CS5308 Datasheet HTML 2Page - ON Semiconductor CS5308 Datasheet HTML 3Page - ON Semiconductor CS5308 Datasheet HTML 4Page - ON Semiconductor CS5308 Datasheet HTML 5Page - ON Semiconductor CS5308 Datasheet HTML 6Page - ON Semiconductor CS5308 Datasheet HTML 7Page - ON Semiconductor CS5308 Datasheet HTML 8Page - ON Semiconductor CS5308 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
CS5308
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 9.0 V < VCCH1 = VCCH2 < 20 V;
4.5 V < VCCL =VCCL12 < 14 V; CGATE = 3.3 nF, RROSC = 32.4 k, CCOMP = 0.1 mF, CREF = 0.1 mF, DAC Code 01000 (1.65 V),
CVCC = 0.1 mF; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Power Good Output
Power Good Fault Delay
CSREF = DAC to DAC ± 15%
25
50
100
ms
PWRGD Low Voltage
IPWRGD = 4.0 mA
−
250
400
mV
Output Leakage Current
VPWRGD = 5.5 V
−
0.1
10
mA
Lower Threshold
−
−15
−12
−9.0
%
Upper Threshold
−
9.0
12
15
%
Voltage Feedback Error Amplifier
VFB Bias Current, (Note 2.)
0.9 V < VFB < 1.9 V
9.4
10.3
11.1
mA
COMP Source Current
COMP = 0.5 V to 2.0 V; VFB = 1.6 V
15
30
60
mA
COMP Sink Current
COMP = 0.5 V to 2.0 V; VFB = 1.7 V
15
30
60
mA
COMP Discharge Threshold Voltage
−
0.20
0.27
0.34
V
Transconductance
−10 mA < ICOMP < +10 mA
−
32
−
mmho
Output Impedance
−
−
2.5
−
MW
Open Loop DC Gain
Note 3.
60
90
−
dB
Unity Gain Bandwidth
0.01 mF
−
400
−
kHz
PSRR @ 1.0 kHz
−
−
70
−
dB
COMP Max Voltage
VFB = 1.6 V COMP Open
2.4
2.7
−
V
COMP Min Voltage
VFB = 1.7 V COMP Open
−
0.1
0.2
V
Hiccup Latch Discharge Current
−
2.0
5.0
10
mA
COMP Discharge Ratio
−
4.0
6.0
10
−
PWM Comparators
Minimum Pulse Width
CS1 = CS2 = CSREF
−
350
475
ns
Channel Startup Offset
V(CS1) = V(CS2) = V(VFB) = V(CSREF) = 0 V;
Measure V(COMP) when GATE(H)1,2 switch
high
0.3
0.4
0.5
V
VTT Power Good
VTT Threshold
−
1.03
1.05
1.07
V
VTTPGD Low Voltage
IVTTPGD = 4.0 mA
−
0.25
0.4
V
VTTPGD Leakage Current
VTTPGD = 5.5 V
−
0.1
10
mA
VTTCT Threshold Voltage
−
1.0
1.05
1.10
V
VTTCT Charge Current
Note 2.
15
30
45
mA
VTTCT Discharge Threshold
−
0.24
0.32
0.38
V
GATES
High Voltage (AC)
Measure VCCx − GATEx, Note 3.
−
0
1.0
V
Low Voltage (AC)
Measure GATEx, Note 3.
−
0
0.5
V
Rise Time GATEx
1.0 V < GATE < 8.0 V; VCCx = 10 V
−
35
80
ns
2. The VFB Bias Current and VTTCT Charge Currents change with the value of ROSC per Figure 4.
3. Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com