Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5308 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5308
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5308 Datasheet HTML 1Page - ON Semiconductor CS5308 Datasheet HTML 2Page - ON Semiconductor CS5308 Datasheet HTML 3Page - ON Semiconductor CS5308 Datasheet HTML 4Page - ON Semiconductor CS5308 Datasheet HTML 5Page - ON Semiconductor CS5308 Datasheet HTML 6Page - ON Semiconductor CS5308 Datasheet HTML 7Page - ON Semiconductor CS5308 Datasheet HTML 8Page - ON Semiconductor CS5308 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 6
1
Publication Order Number:
CS5308/D
CS5308
Two−Phase PWM Controller
with Integrated Gate
Drivers for VRM 8.5
The CS5308 is a second−generation, two−phase step down
controller that incorporates all control functions required to power
next generation processors. Proprietary multi−phase architecture
guarantees balanced load current distribution and reduces overall
solution cost in high current applications. Enhanced V2™ control
architecture provides the fastest possible transient response, excellent
overall regulation, and ease of use. The CS5308 is a second generation
PWM controller because it optimizes transient response by combining
traditional Enhanced V2 with an internal PWM ramp and
fast−feedback directly from VCORE to the internal PWM comparator.
These enhancements provide greater design flexibility, facilitate use
and reduce output voltage jitter.
The multi−phase architecture reduces input and output filter ripple,
allowing for a significant reduction in filter size and inductor values
with a corresponding increase in the output inductor current slew rate.
This approach allows a considerable reduction in input and output
capacitor requirements, as well as reducing overall solution size and
cost.
The CS5308 includes VTT monitoring and timing, VTT Power
Good (VTTPGD), Power Good (PWRGD), and internal MOSFET gate
drivers to provide a “fully integrated solution” to simplify design,
minimize circuit board area, and reduce overall system cost.
Features
• Enhanced V2 Control Method
• Internal PWM Ramp
• Fast−Feedback Directly from VCORE
• 5−Bit DAC with 1% Tolerance
• Adjustable Output Voltage Positioning
• 200 kHz to 800 kHz Operation Set by Resistor
• Current Sensed through Sense Resistors or Output Inductors
• Adjustable Hiccup Mode Current Limit
• Overvoltage Protection through Synchronous MOSFETs
• Individual Current Limits for Each Phase
• On−Board Current Share Amplifiers
• 3.3 V, 1.0 mA Reference Output
• VTT Monitoring and VTT Power Good (VTTPGD)
• VCORE Power Good
• On/Off Control (through COMP Pin)
• Improved Noise Immunity
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
CS5308GDW28
SO−28L
27 Units/Rail
CS5308GDWR28
SO−28L 1000 Tape & Reel
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
SO−28L
DW SUFFIX
CASE 751F
MARKING
DIAGRAM
1
CS5308
AWLYYWW
28
1
28
PIN CONNECTIONS
1
28
VCCL12
VID1
PGND
VID0
GATE(L)1
VID25
GATE(H)1
ILIM
VCCH1
REF
VCCL
VDRP
LGND
VFB
ROSC
COMP
GATE(L)2
VID2
GATE(H)2
VID3
VTTPGD
CSREF
VCCH2
PWRGD
VTTCT
CS1
VTT
CS2


Similar Part No. - CS5308

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301 ONSEMI-CS5301 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDWR32 ONSEMI-CS5301GDWR32 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results

Similar Description - CS5308

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
CS5302 ONSEMI-CS5302 Datasheet
342Kb / 17P
Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
July, 2006 ??Rev.7
CS5303 ONSEMI-CS5303 Datasheet
390Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers
July, 2006 ??Rev. 14
CS5332 ONSEMI-CS5332 Datasheet
400Kb / 20P
Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
July, 2006 ??Rev. 11
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5301 ONSEMI-CS5301_06 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5322 ONSEMI-CS5322 Datasheet
406Kb / 21P
Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
July, 2006 ??Rev. 7
NCP5322A ONSEMI-NCP5322A_07 Datasheet
718Kb / 31P
Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com