Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5332 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5332
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5332 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5332 Datasheet HTML 1Page - ON Semiconductor CS5332 Datasheet HTML 2Page - ON Semiconductor CS5332 Datasheet HTML 3Page - ON Semiconductor CS5332 Datasheet HTML 4Page - ON Semiconductor CS5332 Datasheet HTML 5Page - ON Semiconductor CS5332 Datasheet HTML 6Page - ON Semiconductor CS5332 Datasheet HTML 7Page - ON Semiconductor CS5332 Datasheet HTML 8Page - ON Semiconductor CS5332 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CS5332
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 4.7 V < VCCL < 14 V; 8.0 V < VCCH < 20 V;
CGATE(H) = 3.3 nF, CGATE(L) = 3.3 nF, RR(OSC) = 32.4 k, CCOMP = 1.0 nF, CSS = 0.1 μF, CREF = 0.1 μF, DAC Code 10000, CVCC = 1.0 μF,
ILIM ≥ 1.0 V; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Power−Good Output
Power Good Fault Delay
CSREF = VDAC to VDAC ± 15%
25
50
125
μs
Output Low Voltage
CSREF = 1.0 V, IPWRGD = 4.0 mA
−
0.25
0.40
V
Output Leakage Current
CSREF = 1.45 V, PWRGD = 5.5 V
−
0.1
10.0
μA
Lower Threshold
% of Nominal VID Code
−18
−14
−10
%
Upper Threshold
−
1.9
2.0
2.1
V
Voltage Feedback Error Amplifier
VFB Bias Current (Note 2)
1.0 V < VFB < 1.9 V
28.5
31
33.5
μA
COMP Source Current
COMP = 0.5 V to 2.0 V;
VFB = 1.8 V; DAC = 00000
15
30
60
μA
COMP Sink Current
COMP = 0.5 V to 2.0 V;
VFB = 1.9 V; DAC = 00000
15
30
60
μA
COMP Max Voltage
VFB = 1.8 V COMP Open; DAC = 00000
2.4
2.7
−
V
COMP Min Voltage
VFB = 1.9 V COMP Open; DAC = 00000
−
0.1
0.2
V
Transconductance
−10 μA < ICOMP < +10 μA
−
32
−
mmho
Output Impedance
−
−
2.5
−
MΩ
Open Loop DC Gain
Note 3
60
90
−
dB
Unity Gain Bandwidth
0.01 μF COMP Capacitor
−
400
−
kHz
PSRR @ 1.0 kHz
−
−
70
−
dB
Soft Start
Soft Start Charge Current
0.2 V ≤ SS ≤ 3.0 V
15
30
50
μA
Soft Start DisCharge Current
0.2 V ≤ SS ≤ 3.0 V
4.0
7.5
13.0
μA
Hiccup Mode Charge/Discharge Ratio
−
3.0
4.0
−
−
Peak Soft Start Charge Voltage
−
3.3
4.0
4.2
V
Soft Start DisCharge Threshold Voltage
−
0.20
0.27
0.34
V
PWM Comparators
Minimum Pulse Width
Measured from CSx to GATE(H)x
V(VFB) = V(CSREF) = 1.0 V, V(COMP) = 1.5 V
60 mV step applied between VCSX and
VCREF
−
350
515
ns
Channel Start Up Offset
V(CS1) = V(CS2) = V(VFB) = V(CSREF) = 0 V;
Measure V(COMP) when GATE(H)1,
GATE(H)2, switch high
0.3
0.4
0.5
V
2. The VFB Bias Current changes with the value of ROSC per Figure 4.
3. Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com