Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5332 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS5332
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5332 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS5332 Datasheet HTML 5Page - ON Semiconductor CS5332 Datasheet HTML 6Page - ON Semiconductor CS5332 Datasheet HTML 7Page - ON Semiconductor CS5332 Datasheet HTML 8Page - ON Semiconductor CS5332 Datasheet HTML 9Page - ON Semiconductor CS5332 Datasheet HTML 10Page - ON Semiconductor CS5332 Datasheet HTML 11Page - ON Semiconductor CS5332 Datasheet HTML 12Page - ON Semiconductor CS5332 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CS5332
http://onsemi.com
9
−
+
−
+
−
−
+
−
+
+
−
+
−
−
+
×
CO1
CO1
PH 1
PH 2
VCCL1
3.3 V
REF
DAC
CO1
DACOUT
CO2
Filter
FAULT
Offset
FAULT
CO2
CO2
DACOUT
PH 2
PH 1
OSC
BIAS
VCCH2
VCCL2
VCCL
VCCH1
PWRGD
GATE(H)1
GATE(L)1
GND1
GATE(H)2
GATE(L)2
GND2
S
R
R
S
R
S
FAULT
0.33 V
0.33 V
4.4 V
4.2 V
Discharge
Current
VFB
COMP
ROSC
Current
Source
Gen
MAXC1
MAXC2
PWMC1
PWMC2
EA
CSA1
CSA2
2.0
Gate
Nonoverlap
Gate
Nonoverlap
Start
Stop
REF
VID0
VID1
VID2
VID3
VID4
CS1
CS2
CSREF
FAULT
VDRP
AVPA
SS
−
ILIM
LGN-
D
Delay
+
+
−
−
2.0 V
1.8 V
2.0 V
−14%
ILIM
Charge
Current
SS
SS
Discharge
Current
SS
Start
Stop
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com