Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPA807T Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPA807T
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA807T Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPA807T Datasheet HTML 1Page - Renesas Technology Corp UPA807T Datasheet HTML 2Page - Renesas Technology Corp UPA807T Datasheet HTML 3Page - Renesas Technology Corp UPA807T Datasheet HTML 4Page - Renesas Technology Corp UPA807T Datasheet HTML 5Page - Renesas Technology Corp UPA807T Datasheet HTML 6Page - Renesas Technology Corp UPA807T Datasheet HTML 7Page - Renesas Technology Corp UPA807T Datasheet HTML 8Page - Renesas Technology Corp UPA807T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
µPA807T
2
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cutoff Current
ICBO
VCB = 5 V, IE = 0
0.1
µA
Emitter Cutoff Current
IEBO
VEB = 1 V, IC = 0
0.1
µA
DC Current Gain
hFE
VCE = 2 V, IC = 7 mANote 1
70
140
Gain Bandwidth Product (1)
fT
VCE = 2 V, IC = 7 mA, f = 2 GHz
10
13
GHz
Gain Bandwidth Product (2)
fT
VCE = 1 V, IC = 5 mA, f = 2 GHz
8.5
12
GHz
Feed-back Capacitance
Cre
VCB = 2 V, IE = 0, f = 1 MHzNote 2
0.4
0.6
pF
Insertion Power Gain (1)
|S21e|2
VCE = 2 V, IC = 7 mA, f = 2 GHz
7.5
9
dB
Insertion Power Gain (2)
|S21e|2
VCE = 1 V, IC = 5 mA, f = 2 GHz
7
8.5
dB
Noise Figure (1)
NF
VCE = 2 V, IC = 3 mA, f = 2 GHz
1.5
2
dB
Noise Figure (2)
NF
VCE = 1 V, IC = 3 mA, f = 2 GHz
1.5
2
dB
hFE Ratio
hFE1/hFE2
VCE = 2 V, IC = 7 mA
0.85
A smaller value among
hFE of hFE1 = Q1, Q2
A larger value among
hFE of hFE2 = Q1, Q2
Notes 1. Pulse Measurement: Pw
≤ 350
µs, Duty cycle ≤ 2 %
2. Measured with 3-pin bridge, emitter and case should be connected to guard pin of bridge.
hFE CLASSIFICATION
Rank
KB
Marking
T84
hFE Value
70 to 140
TYPICAL CHARACTERISTICS (TA = 25
°C)
Ambient Temperature TA (°C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT
vs. COLLECTOR TO EMITTER VOLTAGE
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT
vs. BASE TO EMITTER VOLTAGE
100
200
0
50
100
150
50
40
30
20
10
0
0.5
1.0
25
20
15
10
5
0
1.0
2.0
3.0
200 A
180 A
160 A
140 A
120 A
100 A
80 A
60 A
40 A
IB = 20 A
VCE = 2 V
30 mW
60 mW
2 Elements in Total
Per Element
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
DC CURRENT GAIN vs.
COLLECTOR CURRENT
500
200
100
50
20
10
1
2
5
10
20
50
100
VCE = 2 V
VCE = 1 V
Collector Current IC (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com