Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPA807T Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPA807T
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA807T Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPA807T Datasheet HTML 2Page - Renesas Technology Corp UPA807T Datasheet HTML 3Page - Renesas Technology Corp UPA807T Datasheet HTML 4Page - Renesas Technology Corp UPA807T Datasheet HTML 5Page - Renesas Technology Corp UPA807T Datasheet HTML 6Page - Renesas Technology Corp UPA807T Datasheet HTML 7Page - Renesas Technology Corp UPA807T Datasheet HTML 8Page - Renesas Technology Corp UPA807T Datasheet HTML 9Page - Renesas Technology Corp UPA807T Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
µPA807T
6
S-PARAMETERS
VCE = 2 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
100.0000
200.0000
300.0000
400.0000
500.0000
600.0000
700.0000
800.0000
900.0000
1000.0000
1100.0000
1200.0000
1300.0000
1400.0000
1500.0000
1600.0000
1700.0000
1800.0000
1900.0000
2000.0000
ANG
–3.6
–7.4
–10.5
–14.4
–17.4
–20.4
–23.8
–26.5
–29.2
–32.0
–34.1
–36.4
–38.4
–40.4
–42.6
–44.1
–45.9
–47.4
–48.8
–50.4
ANG
–3.3
–6.8
–9.8
–13.9
–16.7
–20.7
–24.1
–27.3
–31.1
–33.5
–37.8
–40.5
–44.0
–47.4
–50.2
–53.5
–56.4
–59.0
–61.6
–64.7
MAG
0.996
0.993
0.983
0.964
0.955
0.932
0.913
0.888
0.865
0.847
0.822
0.803
0.782
0.758
0.743
0.719
0.699
0.681
0.666
0.647
ANG
84.7
83.0
80.2
76.3
73.9
71.0
68.0
65.9
63.8
61.6
59.3
57.8
56.1
54.6
53.0
51.6
50.5
49.6
48.8
48.0
MAG
2.003
1.935
1.940
2.017
1.946
1.993
1.957
1.942
2.004
1.911
1.973
1.951
1.928
1.956
1.889
1.896
1.873
1.835
1.815
1.801
MAG
0.018
0.036
0.052
0.069
0.085
0.099
0.113
0.126
0.137
0.147
0.159
0.168
0.177
0.184
0.193
0.198
0.204
0.210
0.215
0.220
MAG
0.982
0.985
0.977
0.960
0.952
0.925
0.908
0.884
0.859
0.840
0.815
0.795
0.772
0.741
0.716
0.689
0.659
0.635
0.606
0.581
ANG
173.6
168.2
162.7
157.1
152.1
147.7
143.2
138.8
135.0
131.4
127.7
124.0
120.4
116.7
113.2
109.8
106.7
103.4
100.7
97.6
VCE = 2 V, IC = 3 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
100.0000
200.0000
300.0000
400.0000
500.0000
600.0000
700.0000
800.0000
900.0000
1000.0000
1100.0000
1200.0000
1300.0000
1400.0000
1500.0000
1600.0000
1700.0000
1800.0000
1900.0000
2000.0000
ANG
–6.3
–12.5
–17.5
–22.6
–26.4
–29.6
–33.0
–35.0
–37.0
–38.9
–40.3
–41.4
–43.0
–43.9
–44.9
–45.6
–46.4
–47.2
–47.8
–48.6
ANG
–5.7
–11.6
–16.6
–23.1
–27.0
–32.9
–38.0
–42.0
–46.6
–49.9
–54.0
–56.5
–59.2
–61.5
–63.5
–64.9
–66.4
–67.7
–69.2
–70.4
MAG
0.979
0.959
0.924
0.874
0.838
0.787
0.745
0.706
0.673
0.645
0.617
0.593
0.569
0.548
0.532
0.517
0.501
0.488
0.478
0.464
ANG
84.9
79.6
75.2
72.2
69.1
67.6
65.0
63.8
63.0
61.9
61.1
60.8
60.2
59.9
59.5
59.1
58.7
58.6
58.4
58.2
MAG
5.575
5.330
5.178
5.267
4.943
4.915
4.769
4.578
4.507
4.285
4.163
4.009
3.814
3.672
3.499
3.349
3.213
3.079
2.959
2.863
MAG
0.017
0.033
0.049
0.062
0.074
0.086
0.095
0.104
0.112
0.120
0.128
0.136
0.143
0.150
0.157
0.164
0.172
0.178
0.185
0.193
MAG
0.933
0.922
0.893
0.851
0.815
0.759
0.713
0.664
0.612
0.572
0.525
0.485
0.452
0.413
0.385
0.356
0.330
0.307
0.286
0.265
ANG
170.0
161.5
154.0
146.8
141.1
135.2
129.6
124.5
119.7
115.6
111.0
106.8
103.4
99.6
96.7
93.6
90.9
88.2
85.9
83.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com