Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5665-RBRUZ-2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5665-RBRUZ-2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5665-RBRUZ-2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5665-RBRUZ-2 Datasheet HTML 16Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 17Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 18Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 19Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 20Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 21Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 22Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 23Page - Analog Devices AD5665-RBRUZ-2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Preliminary Technical Data
Rev. PrA. | Page 20 of 32
THEORY OF OPERATION
D/A SECTION
The AD5625R/AD5645R/AD5665R, AD5625/AD5665 DACs
are fabricated on a CMOS process. The architecture consists of
a string DAC followed by an output buffer amplifier. Figure 50
shows a block diagram of the DAC architecture.
DAC
REGISTER
REF (+)
RESISTOR
STRING
REF (-)
GND
OUTPUT
AMPLIFIER
GAIN = +2
VOUT
VDD
Figure 50. DAC Architecture
Because the input coding to the DAC is straight binary, the ideal
output voltage when using an external reference is given by
×
=
N
REFIN
OUT
D
V
V
2
The ideal output voltage when using the internal reference is
given by
×
×
=
N
REFOUT
OUT
D
V
V
2
2
where:
D is the decimal equivalent of the binary code that is loaded to
the DAC register:
0 to 4095 for AD5625R/AD5625 (12 bit).
0 to 16,383 for AD5645R (14 bit).
0 to 65,535 for AD5665R/AD5665 (16 bit).
N is the DAC resolution.
RESISTOR STRING
The resistor string is shown in Figure 51. It is simply a string of
resistors, each of value R. The code loaded to the DAC register
determines at which node on the string the voltage is tapped off
to be fed into the output amplifier. The voltage is tapped off by
closing one of the switches connecting the string to the
amplifier. Because it is a string of resistors, it is guaranteed
monotonic.
OUTPUT AMPLIFIER
The output buffer amplifier can generate rail-to-rail voltages on
its output, which gives an output range of 0 V to VDD. It can drive
a load of 2 kΩ in parallel with 1000 pF to GND. The source and
sink capabilities of the output amplifier can be seen in Figure and
Figure. The slew rate is 1.8 V/µs with a ¼ to ¾ full-scale settling
time of 7 µs.
TO OUTPUT
AMPLIFIER
R
R
R
R
R
Figure 51. Resistor String
INTERNAL REFERENCE
The AD5625R/AD5645R/AD5665R feature an on-chip
reference. Versions without the –R suffix require an external
reference. The on-chip reference is off at power-up and is
enabled via a write to a control register. See the Internal
Reference Setup section for details.
Versions packaged in 10-lead LFCSP package have a 1.25 V
reference, giving a full scale output of 2.5 V. These parts can be
operated with a Vdd supply of 2.7V to 5.5V. Versions packaged
in 14-lead TSSOP package have a 2.5 V reference, giving a full-
scale output of 5 V. Parts are functional with a Vdd supply of
2.7V to 5.5V but for Vdd supply of less than 5V, the output will
be clamped to Vdd. See the Ordering Information on the back
page for a full list of models. The internal reference associated
with each part is available at the VREFOUT pin.
A buffer is required if the reference output is used to drive
external loads. When using the internal reference, it is
recommended that a 100 nF capacitor is placed between
reference output and GND for reference stability.
EXTERNAL REFERENCE
The VREFIN pin on the AD56x5R allows the use of an external
reference if the application requires it. The default condition of
the on-chip reference is off at power-up. All devices can be
operated from a single 2.7 V to 5.5 V supply.
SERIAL INTERFACE
The AD5625R/AD5645R/AD5665R, AD5625/AD5665 have 2-
wire I2C-compatible serial interfaces (refer to I2C-Bus
Specification, Version 2.1, January 2000, available from Philips
Semiconductor). The AD5625R/AD5645R/AD5665R,
AD5625/AD5665 can be connected to an I2C bus as a slave
device, under the control of a master device. See Figure 2 for a
timing diagram of a typical write sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com