Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO35 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35
Description  ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO35 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO35 Datasheet HTML 10Page - Texas Instruments ISO35 Datasheet HTML 11Page - Texas Instruments ISO35 Datasheet HTML 12Page - Texas Instruments ISO35 Datasheet HTML 13Page - Texas Instruments ISO35 Datasheet HTML 14Page - Texas Instruments ISO35 Datasheet HTML 15Page - Texas Instruments ISO35 Datasheet HTML 16Page - Texas Instruments ISO35 Datasheet HTML 17Page - Texas Instruments ISO35 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ISO15, ISO35, ISO15M, ISO35M
SLOS580G – MAY 2008 – REVISED MARCH 2015
www.ti.com
9.3 Feature Description
9.3.1 Insulation and Safety-Related Package Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Shortest terminal to terminal distance
L(I01)
Minimum air gap (Clearance)(1)
8.34
mm
through air
Shortest terminal to terminal distance
L(I02)
Minimum external tracking (Creepage)(1)
8.1
mm
across the package surface
Tracking resistance (Comparative Tracking
CTI
DIN IEC 60112 / VDE 0303 Part 1
≥400
V
Index)
DTI
Minimum Internal Gap (Internal Clearance)
Distance through the insulation
0.008
mm
Input to output, VIO = 500 V, TA = 25°C, all
RIO
Isolation resistance
pins on each side of the barrier tied
>1012
Ω
together creating a two-terminal device
CIO
Barrier capacitance input to output
VI = 0.4 sin (4E6
πt)
2
pF
CI
Input capacitance to ground
VI = 0.4 sin (4E6
πt)
2
pF
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on
the printed circuit board do not reduce this distance. Creepage and clearance on a printed circuit board become equal according to the
measurement techniques shown in the Isolation Glossary. Techniques such as inserting grooves and/or ribs on a printed circuit board
are used to help increase these specifications.
9.3.2 DIN V VDE V 0884-10 Insulation Characteristics
over recommended operating conditions (unless otherwise noted)(2)
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
VIOTM
Transient overvoltage
Method a, t = 60 s, Qualification test
4000
VPK
Maximum working insulation
VIORM
560
VPK
voltage
Method b1, VPR = VIORM × 1.875,
VPR
Input to output test voltage
1050
VPK
100% Production test with t = 1 s, Partial discharge < 5 pC
RS
Insulation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
(2)
Climatic Classification 40/125/21
9.3.3 IEC 60664-1 Ratings Table
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
II
Rated mains voltage
≤ 150 VRMS
I-IV
Installation classification
Rated mains voltage
≤ 300 VRMS
I-III
Rated mains voltage
≤ 400 VRMS
I-II
9.3.4 Regulatory Information
VDE
CSA
UL
Certified according to DIN V VDE V 0884-10
Approved under CSA Component
Recognized under UL 1577 Component
(VDE V 0884-10):2006-12
Acceptance Notice 5A and IEC 60950-1
Recognition Program(1)
Basic insulation,
2500 VRMS Isolation rating,
4000 VPK Maximum transient overvoltage,
Single Protection, 2500 VRMS
396 VPK Basic working voltage per CSA
60950-1-07 and IEC 60950-1 (2nd Ed)
560 VPK Maximum working voltage
Certificate number: 40016131
Master contract number: 220991
File number: E181974
(1)
Production tested
≥3000 VRMS for 1 second in accordance with UL 1577.
14
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com