Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO35 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO35
Description  ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO35 Datasheet(HTML) 3 Page - Texas Instruments

  ISO35 Datasheet HTML 1Page - Texas Instruments ISO35 Datasheet HTML 2Page - Texas Instruments ISO35 Datasheet HTML 3Page - Texas Instruments ISO35 Datasheet HTML 4Page - Texas Instruments ISO35 Datasheet HTML 5Page - Texas Instruments ISO35 Datasheet HTML 6Page - Texas Instruments ISO35 Datasheet HTML 7Page - Texas Instruments ISO35 Datasheet HTML 8Page - Texas Instruments ISO35 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ISO15, ISO35, ISO15M, ISO35M
www.ti.com
SLOS580G – MAY 2008 – REVISED MARCH 2015
V values From: TYP = -, MAX = 90 To: TYP = -10, MAX = - ................................................................................................ 6
•
Added IA or IB limits for the ISO15M ans ISO35M devices .................................................................................................... 7
•
Added tr, tf limits for the ISO15M ans ISO35M devices ......................................................................................................... 7
•
Added pulse skew limits for the ISO15M ans ISO35M devices ............................................................................................. 7
•
Added tr, tf for the ISO15M ans ISO35M devices................................................................................................................... 7
•
Added the Driver output pins Note for Figure 3 through Figure 6 .......................................................................................... 9
•
Changed the Driver output pins Note for Figure 7 through Figure 8.................................................................................... 10
Changes from Revision C (December 2008) to Revision D
Page
•
Changed Propagation delay values From:
μs To: ns in the DRIVER SWITCHING table ...................................................... 7
Changes from Revision B (July 2008) to Revision C
Page
•
Added added IEC......Approved .............................................................................................................................................. 1
•
Added added CSA information column back in table ............................................................................................................. 7
Changes from Revision A (June 2008) to Revision B
Page
•
Changed From: 4000-Vpeak Isolation To: 4000-Vpeak Isolation, 560-Vpeak VIORM UL 1577, IEC 60747-5-2 (VDE
0884, Rev 2) ........................................................................................................................................................................... 1
•
Changed Figure 15, Full-Duplex Common-Mode Transient Immunity Test Circuit.............................................................. 12
Changes from Original (May 2008) to Revision A
Page
•
Changed L(101) Minimum air gap (Clearance) From 7.7mm To 8.34mm. ............................................................................ 7
•
Changed From 40014131 To 40016131 ................................................................................................................................ 7
•
Deleted CSA information from the Regulatory Information Table. ......................................................................................... 7
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO15 ISO35 ISO15M ISO35M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com