Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89LPC9401 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # P89LPC9401
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9401 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button P89LPC9401 Datasheet HTML 41Page - NXP Semiconductors P89LPC9401 Datasheet HTML 42Page - NXP Semiconductors P89LPC9401 Datasheet HTML 43Page - NXP Semiconductors P89LPC9401 Datasheet HTML 44Page - NXP Semiconductors P89LPC9401 Datasheet HTML 45Page - NXP Semiconductors P89LPC9401 Datasheet HTML 46Page - NXP Semiconductors P89LPC9401 Datasheet HTML 47Page - NXP Semiconductors P89LPC9401 Datasheet HTML 48Page - NXP Semiconductors P89LPC9401 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
P89LPC9401_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 5 September 2005
45 of 59
Philips Semiconductors
P89LPC9401
8-bit two-clock 80C51 microcontroller with 32 segment
× 4 LCD driver
[1]
Typical ratings are not guaranteed. The values listed are at room temperature, VDD = 3 V.
[2]
The IDD(oper),IDD(idle), and IDD(pd) specifications are measured using an external clock with the following functions disabled: comparators,
real-time clock, and watchdog timer.
[3]
The IDD(tpd) specification is measured using an external clock with the following functions disabled: comparators, real-time clock,
brownout detect, and watchdog timer.
[4]
See Section 8 “Limiting values” on page 43 for steady state (non-transient) limits on IOL or IOH. If IOL/IOH exceeds the test condition,
VOL/VOH may exceed the related specification.
[5]
Pin capacitance is characterized but not tested.
[6]
Measured with port in quasi-bidirectional mode.
[7]
Measured with port in high-impedance mode.
[8]
Port pins source a transition current when used in quasi-bidirectional mode and externally driven from logic 1 to logic 0. This current is
highest when VI is approximately 2 V.
Vbo
brownout trip voltage
2.4 V < VDD < 3.6 V; with
BOV = 1, BOPD = 0
2.40
-
2.70
V
Vref(bg)
band gap reference voltage
1.11
1.23
1.34
V
TCbg
band gap temperature
coefficient
-
10
20
ppm/
°
C
Table 11:
Static electrical characteristics …continued
VDD = 2.4 V to 3.6 V unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com