Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FKCD3113 Datasheet(PDF) 1 Page - FETek Technology Corp.

Part # FKCD3113
Description  P-Ch 30V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKCD3113 Datasheet(HTML) 1 Page - FETek Technology Corp.

  FKCD3113 Datasheet HTML 1Page - FETek Technology Corp. FKCD3113 Datasheet HTML 2Page - FETek Technology Corp. FKCD3113 Datasheet HTML 3Page - FETek Technology Corp. FKCD3113 Datasheet HTML 4Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKCD3113
P-Ch 30V Fast Switching MOSFETs
11
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±20
V
ID@TA=25℃
Continuous Drain Current, VGS @ -10V1
-8
A
ID@TA=70℃
Continuous Drain Current, VGS @ -10V1
-6.3
A
IDM
Pulsed Drain Current2
-32
A
PD@TA=25℃
Total Power Dissipation3
2.8
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient 1
(t≤10s)
---
45
℃/W
RθJA
Thermal Resistance Junction-Ambient1
---
80
℃/W
BVDSS
RDSON
ID
-30V
32m
Ω
-8A
The
FKCD3113
combines
advanced
trench
MOSFET
technology
with
a
low
resistance
package to provide extremely low RDSON. This
device is ideal for load switch and battery
protection applications.
The FKCD3113 meet the RoHS and Green
Product requirement with full function reliability
approved.
 Green Device Available
 Super Low Gate Charge
 Excellent CdV/dt effect decline
 Advanced high cell density Trench
technology
Description
Absolute Maximum Ratings
Thermal Data
DFN2x2 Pin Configuration
Product Summary


Similar Part No. - FKCD3113

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKCD3014 FETEK-FKCD3014 Datasheet
483Kb / 4P
N-Ch 30V Fast Switching MOSFETs
Ver : A
More results

Similar Description - FKCD3113

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM3003 UNITPOWER-UM3003 Datasheet
731Kb / 4P
P-Ch 30V Fast Switching MOSFETs
US3003 UNITPOWER-US3003 Datasheet
817Kb / 4P
P-Ch 30V Fast Switching MOSFETs
UD3001 UNITPOWER-UD3001 Datasheet
719Kb / 4P
P-Ch 30V Fast Switching MOSFETs
UD3003 UNITPOWER-UD3003 Datasheet
757Kb / 4P
P-Ch 30V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKL3107 PACELEADER-PKL3107 Datasheet
1Mb / 5P
P-Ch 30V Fast Switching MOSFETs
PKN3113 PACELEADER-PKN3113 Datasheet
1Mb / 5P
P-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3401K UPI-QM3401K Datasheet
270Kb / 4P
P-Ch 30V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA3031 FETEK-FKBA3031 Datasheet
687Kb / 4P
P-Ch 30V Fast Switching MOSFETs
Ver : A
FKCE3031 FETEK-FKCE3031 Datasheet
554Kb / 5P
P-Ch 30V Fast Switching MOSFETs
Ver : B
FKD3115 FETEK-FKD3115 Datasheet
496Kb / 4P
P-Ch 30V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com