Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FKCD3113 Datasheet(PDF) 2 Page - FETek Technology Corp.

Part # FKCD3113
Description  P-Ch 30V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKCD3113 Datasheet(HTML) 2 Page - FETek Technology Corp.

  FKCD3113 Datasheet HTML 1Page - FETek Technology Corp. FKCD3113 Datasheet HTML 2Page - FETek Technology Corp. FKCD3113 Datasheet HTML 3Page - FETek Technology Corp. FKCD3113 Datasheet HTML 4Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKCD3113
P-Ch 30V Fast Switching MOSFETs
22
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-30
---
---
V
RDS(ON)
Static Drain-Source On-Resistance2
VGS=-10V , ID=-8A
---
26
32
m
VGS=-4.5V , ID=-5A
---
43
53
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-1.2
--
-2.5
V
IDSS
Drain-Source Leakage Current
VDS=-24V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=-24V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-8A
---
19
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
15
---
Qg
Total Gate Charge (-4.5V)
VDS=-20V , VGS=-4.5V , ID=-6A
---
9.8
---
nC
Qgs
Gate-Source Charge
---
2.2
---
Qgd
Gate-Drain Charge
---
3.4
---
Td(on)
Turn-On Delay Time
VDD=-24V , VGS=-10V , RG=3.3
,
ID=-1A
---
16.4
---
ns
Tr
Rise Time
---
20.2
---
Td(off)
Turn-Off Delay Time
---
55
---
Tf
Fall Time
---
10
---
Ciss
Input Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
930
---
pF
Coss
Output Capacitance
---
148
---
Crss
Reverse Transfer Capacitance
---
115
---
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current1,4
VG=VD=0V , Force Current
---
---
-6
A
VSD
Diode Forward Voltage2
VGS=0V , IS=-1A , TJ=25℃
---
---
-1.2
V
Note :
1.The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3.The power dissipation is limited by 150℃ junction temperature
4.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com