Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C4D30120D Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # C4D30120D
Description  Silicon Carbide Schottky Diode Z-Rec® Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C4D30120D Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  C4D30120D Datasheet HTML 1Page - WOLFSPEED, INC. C4D30120D Datasheet HTML 2Page - WOLFSPEED, INC. C4D30120D Datasheet HTML 3Page - WOLFSPEED, INC. C4D30120D Datasheet HTML 4Page - WOLFSPEED, INC. C4D30120D Datasheet HTML 5Page - WOLFSPEED, INC. C4D30120D Datasheet HTML 6Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
C4D30120D Rev. E, 09-2016
80
100
120
140
160
0
20
40
60
25
50
75
100
125
150
175
Figure 3. Current Derating
Figure 4. Power Derating
0
20
40
60
80
100
120
140
160
180
200
220
240
25
50
75
100
125
150
175
Figure 5. Recovery Charge vs. Reverse Voltage
Figure 6. Capacitance vs. Reverse Voltage
Typical Performance (Per Leg)
10% Duty
20% Duty
30% Duty
50% Duty
70% Duty
DC
0
10
20
30
40
50
60
70
80
90
0
200
400
600
800
1000
0
200
400
600
800
1000
1200
1400
0.1
1
10
100
1000
T
C ˚C
T
C ˚C
V
R (V)
V
R (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com