Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C4D30120D Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # C4D30120D
Description  Silicon Carbide Schottky Diode Z-Rec® Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C4D30120D Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  C4D30120D Datasheet HTML 1Page - WOLFSPEED, INC. C4D30120D Datasheet HTML 2Page - WOLFSPEED, INC. C4D30120D Datasheet HTML 3Page - WOLFSPEED, INC. C4D30120D Datasheet HTML 4Page - WOLFSPEED, INC. C4D30120D Datasheet HTML 5Page - WOLFSPEED, INC. C4D30120D Datasheet HTML 6Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
C4D30120D Rev. E, 09-2016
C4D30120D
Silicon Carbide Schottky Diode
Z-Rec® Rectifier
Features
• 1.2kV Schottky Rectifier
• Zero Reverse Recovery Current
• High-Frequency Operation
• Temperature-Independent Switching
• Extremely Fast Switching
Benefits
• Replace Bipolar with Unipolar Rectifiers
• Essentially No Switching Losses
• Higher Efficiency
• Reduction of Heat Sink Requirements
• Parallel Devices Without Thermal Runaway
Applications
• Switch Mode Power Supplies (SMPS)
• Boost diodes in PFC or DC/DC stages
• Free Wheeling Diodes in Inverter stages
• AC/DC converters
Package
TO-247-3
Maximum Ratings (T
C=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
Test Conditions
Note
V
RRM
Repetitive Peak Reverse Voltage
1200
V
V
RSM
Surge Peak Reverse Voltage
1300
V
V
R
DC Peak Reverse Voltage
1200
V
I
F
Continuous Forward Current
(Per Leg/Device)
44/88
21.5/43
15/30
A
T
C=25˚C
T
C=135˚C
T
C=152˚C
Fig. 3
I
FRM
Repetitive Peak Forward Surge Current
68*
44*
A
T
C=25˚C, tP=10 ms, Half Sine Pulse
T
C=110˚C, tP=10 ms, Half Sine Pulse
I
FSM
Non-Repetitive Forward Surge Current
100*
85*
A
T
C=25˚C, tP=10 ms, Half Sine Pulse
T
C=110˚C, tP=10 ms, Half Sine Pulse
Fig. 8
I
F,Max
Non-Repetitive Peak Forward Current
900*
750*
A
T
C=25˚C, tP=10 ms, Pulse
T
C=110˚C, tP=10 ms, Pulse
Fig. 8
P
tot
Power Dissipation (Per Leg/Device)
220/440
95/190
W
T
C=25˚C
T
C=110˚C
Fig. 4
dV/dt
Diode dV/dt ruggedness
200
V/ns
V
R=0-960V
∫i2dt
i2t value
50*
36*
A2s
T
C=25˚C, tP=10 ms
T
C=110˚C, tP=10 ms
T
J
Operating Junction Range
-55 to
+175
˚C
T
stg
Storage Temperature Range
-55 to
+135
˚C
TO-247 Mounting Torque
1
8.8
Nm
lbf-in
M3 Screw
6-32 Screw
*
Per Leg, ** Per Device
Part Number
Package
Marking
C4D30120D
TO-247-3
C4D30120
V
RRM
=
1200 V
I
F (TC=135˚C)  =  
 43A**
Q
c
=
155nC**


Similar Part No. - C4D30120D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4D30120D CREE-C4D30120D Datasheet
957Kb / 6P
Silicon Carbide Schottky Diode
More results

Similar Description - C4D30120D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C3D02065E WOLFSPEED-C3D02065E Datasheet
1Mb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. A, 10-2016
C3D04065E WOLFSPEED-C3D04065E Datasheet
1Mb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. A, 08-2016
C3D06060G WOLFSPEED-C3D06060G Datasheet
1Mb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. H, 01-2018
C3D10065I WOLFSPEED-C3D10065I Datasheet
931Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. E, 01-2018
C3D20065D WOLFSPEED-C3D20065D Datasheet
855Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. 3, May 2021
C3D30065D WOLFSPEED-C3D30065D Datasheet
1,017Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. -, 09-2016
C4D02120E WOLFSPEED-C4D02120E Datasheet
896Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. I, 01-2017
C4D05120E WOLFSPEED-C4D05120E Datasheet
925Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. F, 01-2017
C6D04065E WOLFSPEED-C6D04065E Datasheet
633Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. A, 05-2020
C6D06065E WOLFSPEED-C6D06065E Datasheet
640Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. A, 05-2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com