Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXPS7115D4S Datasheet(PDF) 17 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button FXPS7115D4S_V02 Datasheet HTML 13Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 14Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 15Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 16Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 17Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 18Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 19Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 20Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
7.5 Standard 32-bit SPI protocol
The device includes a standard SPI protocol requiring 32-bit data packets. The device is a client device
and requires a low base clock value (CPOL = 0) with data captured on the rising edge of the clock and data
propagated on the falling edge of the clock (CPHA = 0). The most significant bit is transferred first (MSB
first). SPI transfers are completed through a sequence of two phases. During the first phase, the command is
transmitted from the SPI host to the device. During the second phase, response data is transmitted from the
client device. MOSI and SCLK transitions are ignored when SS_B is not asserted.
SCLK
SS_B
MOSI
MISO
SCLK
SS_B
MISO
MOSI
T2
T3
phase two response
phase one: response-previous command
phase one: command
R2
R3
R1
T1
aaa-023747
Figure 20. Standard 32 Bit SPI protocol timing diagram
7.5.1 SPI command format
There are two SPI commands as shown in Table 10. These are the Register Access command and the Sensor
Data command.
The Register Access command is a standard SPI read and write command which access the registers and are
defined by field descriptions shown in Section 7.5.3.1 through Section 7.5.3.2.
The Sensor Data command provides additional information such as basic and detailed sensor status if needed
as defined by field descriptions shown in Section 7.5.3.3.
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1.2 — 28 June 2023
17 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com