Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXPS7115D4S Datasheet(PDF) 26 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button FXPS7115D4S_V02 Datasheet HTML 22Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 23Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 24Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 25Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 26Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 27Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 28Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 29Page - NXP Semiconductors FXPS7115D4S_V02 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
• The number of SCLK rising edges detected while SS_B is asserted is not equal to 16.
• SCLK is high when SS_B is deasserted.
• CRC error is detected (MOSI).
• A register write command to any register other than the DEVLOCK_WR register is received while ENDINIT is
set.
If a SPI error is detected, the device responds with the error response as described in Section 7.5.5.2 "Detailed
status field" with the detailed status field set to “SPI Error” as defined in Section 7.5.5.1 "Basic status field".
7.5.5.4 SPI data output verification error
The device includes a function to verify the integrity of the data output to the MISO pin. The function compares
the data transmitted on the MISO pin to the data intended to be transmitted. If any one bit does not match, a
SPI MISO mismatch fault is detected and the MISO_ERR flag in the DEVSTAT2 register is set.
If a valid sensor data request message is received during the SPI transfer with the MISO mismatch failure, the
request is ignored and the device responds with the error response as described in Section 7.5.5.2 "Detailed
status field" with the detailed status field set to “SPI Error” as defined in Section 7.5.5.1 "Basic status field"
during the subsequent SPI message.
If a valid register write request message is received during the SPI transfer with the MISO mismatch
failure, the register write is completed as requested, but the device responds with the error response as
described in Section 7.5.5.2 "Detailed status field" with the detailed status field set to “SPI Error” as defined in
Section 7.5.5.1 "Basic status field" during the subsequent SPI message.
If a valid register read request message is received during the SPI transfer with the MISO mismatch failure,
the register read is ignored and the device responds with the error response as described in Section 7.5.5.2
"Detailed status field" with the detailed status field set to “SPI Error” as defined in Section 7.5.5.1 "Basic status
field", during the subsequent SPI message.
aaa-023748
D Q
R
MISO ERR
SCLK
MISO
DATA OUT BUFFER
SPI DATA OUT SHIFT REGISTER
D Q
R
D
Q
Figure 21. SPI data output verification
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1.2 — 28 June 2023
26 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com