Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FBA04A24MSB Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # FBA04A24MSB
Description  Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FBA04A24MSB Datasheet(HTML) 6 Page - Panasonic Semiconductor

  FBA04A24MSB Datasheet HTML 1Page - Panasonic Semiconductor FBA04A24MSB Datasheet HTML 2Page - Panasonic Semiconductor FBA04A24MSB Datasheet HTML 3Page - Panasonic Semiconductor FBA04A24MSB Datasheet HTML 4Page - Panasonic Semiconductor FBA04A24MSB Datasheet HTML 5Page - Panasonic Semiconductor FBA04A24MSB Datasheet HTML 6Page - Panasonic Semiconductor FBA04A24MSB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Type
Model
Rated
Operating
Rated
Rated
Nominal
Maximum
Maximum
Noise
Safety
and Size
Voltage
Voltage
Current
Input
Speed
Air Flow
Air Pressure
(dB-A)
Standard
(V)
(V)
(mA)
(W)
(r/min)
(m3/min) (CFM)
(mmh20) (Pa)
UL CSA
FBK04F
FBK04F05L
5
4.5—6.0
120
0.60
4700
0.11
3.9
2.50
24.5
24.0
•
•
40mm
FBK04F05H
5
4.5—6.0
280
1.40
7500
0.19
6.7
6.60
64.7
33.0
•
•
DC axial fans FBK04F12L
12
7.0—13.8
75
0.90
4700
0.11
3.9
2.50
24.5
23.0
•
•
FBK04F12H
12
7.0—13.8
150
1.80
7500
0.19
6.7
6.60
64.7
32.0
•
•
FBK04F12U
12
7.0—13.8
170
2.04
9500
0.26
9.2
12.00 117.7
42.0
•
•
FBK04F24H
24
14.0—27.6
92
2.21
7500
0.19
6.7
6.60
64.7
33.0
•
•
FBK04F24U
24
14.0—27.6
100
2.40
9500
0.26
9.2
12.00 117.7
42.0
•
•
FBA06A
FBA06A12L1A
12
7.0—13.8
110
1.32
3200
0.40
14.1
3.10
30.4
24.0
•
•
•
60mm
FBA06A12M1A
12
7.0—13.8
130
1.56
3700
0.47
16.6
3.95
38.7
28.0
•
•
•
DC axial fans FBA06A12H1A
12
7.0—13.8
170
2.04
4200
0.54
19.1
5.20
51.0
32.0
•
•
•
FBA06A12U1A
12
7.0—13.8
210
2.52
4550
0.58
20.5
6.0
58.0
37.0
•
•
•
FBA06A24L1A
24
14.0—27.6
70
1.68
3200
0.40
14.1
3.10
30.4
24.0
•
•
•
FBA06A24M1A
24
14.0—27.6
90
2.16
3700
0.47
16.6
3.95
38.7
28.0
•
•
•
FBA06A24H1A
24
14.0—27.6
105
2.52
4200
0.54
19.1
5.20
51.0
32.0
•
•
•
FBA06T
FBA06T12L
12
7.0—13.8
88
1.06
3200
0.34
12.0
2.80
27.5
24.0
•
•
•
60mm
FBA06T12H
12
7.0—13.8
145
1.74
4200
0.47
16.6
4.75
46.6
32.0
•
•
•
Thin
FBA06T24L
24
14—27.6
56
1.34
3200
0.34
12.0
2.80
27.5
24.0
•
•
•
FBA06T24H
24
14—27.6
83
1.99
4200
0.47
16.6
4.75
46.6
32.0
•
•
•
FBA08A
FBA08A12L1A
12
7.0—13.8
68
0.82
1900
0.68
24.0
1.57
15.4
21.0
•
•
•
80mm
FBA08A12M1A
12
7.0—13.8
124
1.49
2450
0.91
32.1
2.51
24.6
28.0
•
•
•
DC axial fans FBA08A12H1A
12
7.0—13.8
173
2.08
2950
1.12
39.6
3.78
37.1
32.0
•
•
•
FBA08A12U1A
12
7.0—13.8
270
3.24
3450
1.33
46.9
4.80
47.0
38.2
•
•
•
FBA08A24L1A
24
14—27.6
54
1.30
1900
0.68
24.0
1.57
15.4
21.0
•
•
•
FBA08A24M1A
24
14—27.6
71
1.70
2450
0.91
32.1
2.51
24.6
28.0
•
•
•
FBA08A24H1A
24
14—27.6
105
2.52
2950
1.12
39.6
3.78
37.1
32.0
•
•
•
FBA08T
FBA08T12L
12
7.0—13.8
79
0.95
2000
0.62
21.9
1.55
15.2
23.0
•
•
•
80mm
FBA08T12H
12
7.0—13.8
200
2.40
3100
0.95
33.5
3.20
31.4
34.0
•
•
•
Thin
FBA08T24L
24
14—27.6
47
1.13
2000
0.62
21.9
1.55
15.2
23.0
•
•
•
FBA08T24H
24
14—27.6
110
2.64
3100
0.95
33.5
3.20
31.4
34.0
•
•
•
FBA09A
FBA09A12L1A
12
7.0—13.8
110
1.32
2100
1.21
42.7
2.30
22.6
27.0
•
•
•
90mm
FBA09A12M1A
12
7.0—13.8
150
1.80
2450
1.36
48.0
3.00
29.4
30.0
•
•
•
DC axial fans FBA09A12H1A
12
7.0—13.8
225
2.70
2850
1.61
56.8
3.98
39.0
35.0
•
•
•
FBA09A12U1A
12
7.0—13.8
430
5.16
3450
1.95
68.8
5.0
49.0
43.0
•
•
•
FBA09A24L1A
24
14—27.6
80
1.92
2100
1.21
42.7
2.30
22.6
27.0
•
•
•
FBA09A24M1A
24
14—27.6
110
2.64
2450
1.36
48.0
3.00
29.4
30.0
•
•
•
FBA09A24H1A
24
14—27.6
140
3.36
2850
1.61
56.8
3.98
39.0
35.0
•
•
•
FBA12G
FBA12G12L1A
12
7.0—13.8
180
2.16
1700
1.95
68.9
3.30
32.4
30.0
•
•
•
120mm
FBA12G12M1A
12
7.0—13.8
340
4.08
2100
2.45
86.5
4.80
47.1
35.5
•
•
•
DC axial fans FBA12G12H1A
12
7.0—13.8
460
5.52
2500
2.94
103.8
6.80
66.7
41.5
•
•
•
FBA12G12U1A
12
7.0—13.8
510
6.12
2750
3.25
114.7
8.0
38.0
45.5
•
•
•
FBA12G24L1A
24
14—27.6
110
2.64
1700
1.95
68.9
3.30
32.4
30.0
•
•
•
FBA12G24M1A
24
14—27.6
160
3.84
2100
2.45
86.5
4.80
47.1
35.5
•
•
•
FBA12G24H1A
24
14—27.6
230
5.52
2500
2.94
103.8
6.80
66.7
41.5
•
•
•
Locked
Rotor
Alarm
Sensor
28



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com