Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FBA04A24MSB Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # FBA04A24MSB
Description  Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FBA04A24MSB Datasheet(HTML) 7 Page - Panasonic Semiconductor

  FBA04A24MSB Datasheet HTML 1Page - Panasonic Semiconductor FBA04A24MSB Datasheet HTML 2Page - Panasonic Semiconductor FBA04A24MSB Datasheet HTML 3Page - Panasonic Semiconductor FBA04A24MSB Datasheet HTML 4Page - Panasonic Semiconductor FBA04A24MSB Datasheet HTML 5Page - Panasonic Semiconductor FBA04A24MSB Datasheet HTML 6Page - Panasonic Semiconductor FBA04A24MSB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Type
Model
Rated
Operating
Rated
Rated
Nominal
Maximum
Maximum
Noise
Safety
and Size
Voltage
Voltage
Current
Input
Speed
Air Flow
Air Pressure
(dB-A)
Standard
(V)
(V)
(mA)
(W)
(r/min)
(m3/min) (CFM)
(mmh20) (Pa)
UL CSA
FCB34
FCB34AA12
12
10.2—13.8
165
1.98
2800
0.32
11.3
1.30
12.7
38.0
•
Crossflo Fans FCB34AB12
12
10.2—13.8
340
4.08
3300
0.61
21.5
3.00
29.4
42.0
•
FCB34AC12
12
10.2—13.8
375
4.50
3100
0.80
28.2
2.00
19.6
42.0
•
FCB34AD12
12
10.2—13.8
415
4.98
3000
0.96
33.9
1.90
18.6
42.0
•
FCB34AE12
12
10.2—13.8
430
5.16
2900
1.14
40.3
1.90
18.6
42.0
•
FCB34AF12
12
10.2—13.8
440
5.28
2800
1.22
43.1
1.85
18.1
42.0
•
FCB34AA24
24
20.4—27.6
110
2.64
2800
0.33
11.7
1.50
14.7
39.0
•
FCB34AB24
24
20.4—27.6
165
3.96
3300
0.64
22.6
2.40
23.5
42.0
•
FCB34AC24
24
20.4—27.6
200
4.80
3100
0.80
28.2
2.00
19.6
42.0
•
FCB34AD24
24
20.4—27.6
210
5.04
3000
0.95
33.5
2.00
19.6
42.0
•
FCB34AE24
24
20.4—27.6
230
5.52
2900
1.10
38.8
2.10
20.6
42.0
•
FCB34AF24
24
20.4—27.6
250
6.00
2800
1.15
40.6
2.20
21.6
42.0
•
•
•
FAL3F
FAL3F05LH
5
4.5—6.0
205
1.64
4400
0.112
3.95
8.1
79.4
28.5
•
•
•
Blowers
FAL3F05LL
5
4.5—6.0
380
1.90
5400
0.140
4.94
15.4
151
36.0
•
•
•
FAL3F12LL
24
7.0—13.8
111
1.33
4400
0.112
3.95
8.4
79.4
28.5
•
•
•
FAL3F12LH
12
7.0—13.8
185
2.22
5200
0.138
4.87
15.0
151
35.0
•
•
•
FAL3F24LH
24
14.0—27.6
105
2.52
5200
0.138
4.87
15.0
151
35.0
•
•
•
FAL5F
FAL5F12LH
12
7.0—13.8
200
2.40
2900
0.30
10.6
10.00 98.07
36.0
•
•
•
FAL5F24LH
24
14—27.6
100
2.40
2900
0.30
10.6
9.70
95.12
36.0
•
•
•
FAL5F12LL
12
7.0—13.8
140
1.68
2400
0.25
8.83
6.20
60.8
30.0
•
•
•
FAL5F24LL
24
14—27.6
70
1.68
2400
0.25
8.83
6.30
61.8
30.0
•
•
•
FAL6F
FAL6F12LL
12
7.0—13.8
280
3.36
2100
0.53
18.7
11.25 110.3
40.0
•
•
•
FAL6F12LH
12
7.0—13.8
500
6.00
2550
0.65
23.0
18.00 176.5
45.0
•
•
•
FAL6F24LL
24
14—27.0
155
3.72
2100
0.53
18.7
11.50 112.8
40.0
•
•
•
FAL6F24LH
24
14—27.0
295
7.08
2550
0.67
23.7
19.70 193.2
45.0
•
•
•
Locked
Rotor
Alarm
Sensor
29



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com