| Electronic Components Datasheet Search |
|
CDB4923 Datasheet(PDF) 39 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CDB4923 Datasheet(HTML) 39 Page - Cirrus Logic |
|
39 / 50 page ![]() CDB4923 CDB49300 DS262DB2 39 12. APPENDIX F: BOARD CONTROL SOFTWARE There is a suite of programs used to control the CDB4923/300. The definitions given refer to ‘CDB30’ executables which should be used with the both the CDB4923 and the CDB300. These software tools are designed to operate from a DOS prompt and can work with any parallel port address (LPT1, LPT2, or LPT3). The default ad- dress for all of the programs is 0x378 (also known as LPT1), but the port address can be changed by using the '-p' option provided with every tool. Each time a program is executed, the address that was used is echoed to the screen. If a program seems to fail, verification of the parallel port address should the first step in troubleshooting. All of these programs are designed to access the CS492x/CS493xx using SPI or I2C serial commu- nication, or INTEL or MOTOROLA parallel com- munication. The communication mode can be chosen from the command line with the '-m' option. It should be remembered that the mode chosen must correspond to the communication mode used by the CS492x/CS493xx. If the DSP is using a communication mode which does not match the software setting, results will be unpredictable. Please see Digital Signal Processor of this datasheet to learn how to change the DSP’s com- munication mode. The source code for all programs can be found on the floppy disk provided with the CDB4923/300. These programs are documented and will provide insight into communicating successfully with the CS492x/CS493xx. The source for CDB30_LD is particularly useful since it demonstrates the full handshaking protocol required during boot-up of the CS492x/CS493xx. CDB30_LD - program used to load code into the CS492x/CS493xx. Usage: cdb30_ld <input_file.ld> [-pXXX] [-mY] [-v] -p = parallel port address XXX = address (0x278, 378* or 3bc) -m = communication mode Y = mode designator (i = I2C*, s=SPI, m=MOT, n=INT) -v = disable verbose mode * = default CDB30CMD - program used to send commands, or configuration files to the CS492x/CS493xx. Usage: cdb30cmd <[ABCDEF] or [-fY]> [-mZ] [-pXXX] [-v] ABCDEF = Three byte hex command -f = send configuration file Y = .cfg file with configuration parameters -p = parallel port address XXX = address (0x278, 378* or 3bc) -m = communication mode Z = mode designator (i = I2C*, s = SPI, m=MOT, n=INT) -v = disable verbose mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |