Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTVA126001FC-V1-R0 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # GTVA126001FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN HEMT 600 W, 50 V, DC – 1.4 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA126001FC-V1-R0 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  GTVA126001FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA126001FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA126001FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA126001FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA126001FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA126001FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA126001FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA126001FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. P06, 2020-03-10
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. P06, 2020-03-10
2
GTVA126001EC/FC
DC Characteristics (measured on wafer prior to packaging)
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-source Breakdown Voltage
VGS = –8 V, ID = 10 mA
V(BR)DSS
150
—
—
V
Drain-source Leakage Current
VGS = –8 V, VDS = 50 V
IDSS
—
—
12
mA
Gate Threshold Voltage
VDS = 10 V, ID = 85 mA
VGS(th)
–3.8
–3.0
–2.3
V
Recommended Operating Conditions
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Drain Operating Voltage
VDD
0
—
50
V
Gate Quiescent Voltage
VDS = 50 V, ID = 100 mA
VGS(Q)
–4.3
–3.2
–2.4
V
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-source Voltage
VDSS
125
V
Gate-source Voltage
VGS
–10 to +2
V
Gate Current
IG
100
mA
Drain Current
ID
10
A
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Operation above the maximum values listed here may cause permanent damage. Maximum ratings are absolute ratings;
exceeding only one of these values may cause irreversible damage to the component. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability. For reliable continuous operation, the device should be operated within the operating
voltage range (VDD) specified above.
Thermal Characteristics
1 TCASE = 85 °C, Pdiss = 334 W, 500 µs pulse width, 10% duty cycle
2 TCASE = 85 °C, Pdiss = 333 W, CW
Characteristic
Symbol
Value
Unit
Thermal Resistance 1
RΘJC
0.28
°C/W
Thermal Resistance 2
RΘJC
0.42
°C/W
Ordering Information
Type and Version
Order Code
Package and Description
Shipping
GTVA126001EC V1 R0
GTVA126001EC-V1-R0
H-36248-2, single-ended, bolt-down flange
Tape & Reel, 50 pcs
GTVA126001EC V1 R2
GTVA126001EC-V1-R2
H-36248-2, single-ended, bolt-down flange
Tape & Reel, 250 pcs
GTVA126001FC V1 R0
GTVA126001FC-V1-R0
H-37248-2, single-ended, earless flange
Tape & Reel, 50 pcs
GTVA126001FC V1 R2
GTVA126001FC-V1-R2
H-37248-2, single-ended, earless f flange
Tape & Reel, 250 pcs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com