Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTVA126001FC-V1-R0 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # GTVA126001FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN HEMT 600 W, 50 V, DC – 1.4 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA126001FC-V1-R0 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  GTVA126001FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA126001FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA126001FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA126001FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA126001FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA126001FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA126001FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA126001FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. P06, 2020-03-10
3
GTVA126001EC/FC
5
10
15
20
25
0.1
0.2
0.3
0.4
0.5
1100
1200
1300
1400
1500
Frequency (MHz)
Pulse Droop and IRL
VDS = 50 V, IDQ = 100 mA, POUT @ P3db
300 µs pulse width, 10% duty cycle
Droop
IRL
g126001efc-gr2
Typical Performance
670
690
710
730
750
770
790
810
10
20
30
40
50
60
70
80
1150
1250
1350
1450
Frequency (MHz)
Frequency Sweep
VDS = 50 V, IDQ = 100 mA, POUT @P3dB
300 µs pulse width, 10% duty cycle
Gain
Efficiency
Output Power
g126001efc-gr3
20
30
40
50
60
70
15
17
19
21
23
25
0
100 200 300 400 500 600 700 800
Output Power (W)
Power Sweep
50 V, IDQ = 100 mA, ƒ = 1200 MHz
300 µs, 10%
1 ms, 10%
2 ms, 10%
2 ms, 20%
g126001efc-gr4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com