Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AVC2T45GS Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74AVC2T45GS
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC2T45GS Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74AVC2T45GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AVC2T45GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Nexperia
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
11. Dynamic characteristics
Table 9. Typical dynamic characteristics at VCC(A) = 0.8 V and Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 8; for waveforms see Fig. 6 and Fig. 7
VCC(B)
Symbol Parameter
Conditions
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
Unit
A to B
[1] 15.5
8.1
7.6
7.7
8.4
9.2
ns
tpd
propagation delay
B to A
[1] 15.5
12.7
12.3
12.2
12.0
11.8
ns
DIR to A
[2] 12.2
12.2
12.2
12.2
12.2
12.2
ns
tdis
disable time
DIR to B
[2] 11.7
7.9
7.6
8.2
8.7
10.2
ns
DIR to A
[3] 27.2
20.6
19.9
20.4
20.7
22.0
ns
ten
enable time
DIR to B
[3] 27.7
20.3
19.8
19.9
20.6
21.4
ns
[1] tpd is the same as tPLH and tPHL
[2] tdis is the same as tPLZ and tPHZ
[3] ten is the same as tPZL and tPZH
ten is a calculated value using the formula shown in Section 12.4
Table 10. Typical dynamic characteristics at VCC(B) = 0.8 V and Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 8; for waveforms see Fig. 6 and Fig. 7
VCC(A)
Symbol Parameter
Conditions
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
Unit
A to B
[1] 15.5
12.7
12.3
12.2
12.0
11.8
ns
tpd
propagation delay
B to A
[1] 15.5
8.1
7.6
7.7
8.4
9.2
ns
DIR to A
[2] 12.2
4.9
3.8
3.7
2.8
3.4
ns
tdis
disable time
DIR to B
[2] 11.7
9.2
9.0
8.8
8.7
8.6
ns
DIR to A
[3] 27.2
17.3
16.6
16.5
17.1
17.8
ns
ten
enable time
DIR to B
[3] 27.7
17.6
16.1
15.9
14.8
15.2
ns
[1] tpd is the same as tPLH and tPHL
[2] tdis is the same as tPLZ and tPHZ
[3] ten is the same as tPZL and tPZH
ten is a calculated value using the formula shown in Section 12.4
Table 11. Typical power dissipation capacitance at VCC(A) = VCC(B) and Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V).
VCC(A) and VCC(B)
Symbol Parameter
Conditions
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
Unit
[1][2]
A port: (direction A to B);
B port: (direction B to A)
1
2
2
2
2
2
pF
CPD
power dissipation
capacitance
A port: (direction B to A);
B port: (direction A to B)
9
11
11
12
14
17
pF
[1] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD x VCC 2 x fi x N + ∑(CL x VCC 2 x fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL x VCC 2 x fo) = sum of the outputs.
[2] fi = 10 MHz; VI = GND to VCC; tr = tf = 1 ns; CL = 0 pF; RL = ∞ Ω.
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 10 — 4 November 2021
8 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com