Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTNC210604MD-V2-R5 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # PTNC210604MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 18052200 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTNC210604MD-V2-R5 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  PTNC210604MD-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PTNC210604MD
2
Rev. 03.5, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
DC Characteristics
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-source Voltage
V
DSS
65
V
Gate-source Voltage
V
GS
–6 to +10
Operating Voltage
V
DD
0 to +32
Junction Temperature
T
J
225
°C
Storage Temperature Range
T
STG
–65 to +150
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Drain-Source Breakdown Voltage
V
BR(DSS)
64
V
V
GS = 0 V, IDS = 51.7 µA
Drain Leakage Current – Stage 1
I
DSS
0.1
µA
V
DS = 28 V, VGS = 0 V
1.0
V
DS = 60 V, VGS = 0 V
Drain Leakage Current – Stage 2
0.1
V
DS = 28 V, VGS = 0 V
1.0
V
DS = 60 V, VGS = 0 V
Gate Leakage Current – Stage 1
I
GSS
0.1
V
GS = 1 V, VDS = 0 V
Gate Leakage Current – Stage 2
On-State Resistance – Stage 1 (Main)
R
DS(on)
5.8
W
V
GS = 10 V, VDS = 0.1 V
On-State Resistance – Stage 1 (Peak)
3.7
On-State Resistance – Stage 2 (Main)
0.66
On-State Resistance – Stage 2 (Peak)
0.33
Operating Gate Voltage
V
GS2
2.90
V
V
DS = 28 V, IDQ1M = 63 mA
2.76
V
DS = 28 V, IDQ2M = 150 mA
2.72
V
DS = 28 V, IDQ1P = 40 mA
2.11
V
DS = 28 V
Fixture Operating Gate Voltage
5.40
V
DS = 28 V, IDQ1M = 63 mA
4.37
V
DS = 28 V, IDQ2M = 150 mA
3.95
V
DS = 28 V, IDQ1P = 40 mA
2.60
V
DS = 28 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com