Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTNC210604MD-V2-R5 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTNC210604MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 18052200 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTNC210604MD-V2-R5 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTNC210604MD-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTNC210604MD-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 03.5, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
PTNC210604MD
Package Types: PG-HB1DSO-14-4
Features
• On-chip matching for broadband operation
• Typical CW performance, 2200 MHz, 28 V,
combined outputs
- Output power at P
3dB = 63 W
- Linear Gain = 28 dB
- Efficiency = 50.5%
• Capable of handling 10:1 VSWR @28 V, 10 W mod
avg output power
• Integrated ESD protection
• Human Body Model Class 1A (per ANSI/ESDA/
JEDEC JS-001)
• Integrated temperature compensation
• Pb-free and RoHS compliant
Wideband LDMOS Two-stage Integrated Power Amplifier
20 W + 40 W, 28 V, 1805 – 2200 MHz
Description
The PTNC210604MD is a wideband, two-stage, LDMOS integrated
power amplifier. It incorporates internal matching for operation
from 1805 MHz to 2200 MHz, and dual independent outputs with 20
W and 40 W of output power each. It is available in a 14-lead plastic
overmold package with gull wing leads.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty test fixture)
V
DD = 28 V, IDQ1M = 63 mA, IDQ2M = 150 mA, IDQ1P = 40 mA, VGS2P = 2.6 V, POUT = 10 W avg, ƒ = 2200 MHz, 3GPP WCDMA signal,
channel bandwidth = 3.84 MHz, peak/average = 10 dB @ 0.01% CCDF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gain
G
ps
26
27
dB
Drain Efficiency
h
D
34.5
37
%
Adjacent Channel Power Ratio
ACPR
–33
–28
dBc
Output PAR @ 0.01% probability on CCDF
OPAR
7.5
8.1
dB
Note:
All published data at T
CASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
0
15
30
45
60
0
10
20
30
40
30 32 34 36 38 40 42 44 46 48
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ1M = 63 mA, IDQ2M = 150 mA,
IDQ1P = 40 mA, VGS2P= 2.6 V, ƒ = 2200 MHz,
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
PAR @ 0.01% CCDF
Gain
Efficiency
ptnc210604md_g1


Similar Part No. - PTNC210604MD-V2-R5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTNC210604MD CREE-PTNC210604MD Datasheet
1Mb / 6P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 ??2200 MHz
More results

Similar Description - PTNC210604MD-V2-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA210404FL INFINEON-PTMA210404FL_09 Datasheet
468Kb / 13P
Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 ??2200 MHz
Rev. 04, 2009-06-16
PTMA210152M INFINEON-PTMA210152M Datasheet
242Kb / 15P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16
PTMC210204MD INFINEON-PTMC210204MD Datasheet
219Kb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifi er 20 W, 28 V, 1805 ??2200 MHz
Rev. 03, 2016-06-14
logo
Cree, Inc
PTMA180402M CREE-PTMA180402M Datasheet
1Mb / 15P
Wideband RF LDMOS Integrated Power Amplifier 40 W, 28 V, 1800 ??2100 MHz
PTMA210152M CREE-PTMA210152M Datasheet
1Mb / 15P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 1800 ??2200 MHz
PTMC210124MD CREE-PTMC210124MD Datasheet
593Kb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifier 12 W, 28 V, 1805 ??2200 MHz
PTMC210204MD CREE-PTMC210204MD Datasheet
1Mb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W, 28 V, 1805 ??2200 MHz
PTMC210404MD CREE-PTMC210404MD Datasheet
531Kb / 9P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 ??2200 MHz
PTNC210604MD CREE-PTNC210604MD Datasheet
1Mb / 6P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 ??2200 MHz
logo
WOLFSPEED, INC.
PTMC210404MD WOLFSPEED-PTMC210404MD Datasheet
847Kb / 8P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 – 2200 MHz
Rev. 04.1, 2022-1-27
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com