Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS1A2639-V2-R00A Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # WS1A2639-V2-R00A
Description  GaN on SiC Power Amplifier Module for 5G
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

WS1A2639-V2-R00A Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  WS1A2639-V2-R00A Datasheet HTML 1Page - WOLFSPEED, INC. WS1A2639-V2-R00A Datasheet HTML 2Page - WOLFSPEED, INC. WS1A2639-V2-R00A Datasheet HTML 3Page - WOLFSPEED, INC. WS1A2639-V2-R00A Datasheet HTML 4Page - WOLFSPEED, INC. WS1A2639-V2-R00A Datasheet HTML 5Page - WOLFSPEED, INC. WS1A2639-V2-R00A Datasheet HTML 6Page - WOLFSPEED, INC. WS1A2639-V2-R00A Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
WS1A2639
5
Rev. 03, 2023-02-04
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Tape and Reel Information
Size
A
B
C
D
N
W1
W2
W3
16mm
+2.0
-2.0
+0.5
-0.2
+3.0
-0.0
+2.0
-0.0
+2.0
-2.0
+1.75
-1.75
330
1.5min
13.0
20.2 min 100
16.4
20.4
17.65
(I)
10 sprocket hole pitch cumulative tolerance ± 0.20
(II)
Camber not to exceed 1 mm in 250 mm
(III)
Material : Black conductive Polystyrene
(IV)
Ao and Bo measured on a plane 0.3 mm above the bottom of the pocket.
(V)
Ko measured from a plane on the inside bottom of the pocket to the top surface of the carrier
(VI)
Pocket position relative to sprocket hole measured as true position of pocket, not pocket hole
ALL DIMENSIONS IN MILLIMETERS UNLESS OTHERWISE STATED.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com