Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS1A2639-V2-R00A Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # WS1A2639-V2-R00A
Description  GaN on SiC Power Amplifier Module for 5G
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

WS1A2639-V2-R00A Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  WS1A2639-V2-R00A Datasheet HTML 1Page - WOLFSPEED, INC. WS1A2639-V2-R00A Datasheet HTML 2Page - WOLFSPEED, INC. WS1A2639-V2-R00A Datasheet HTML 3Page - WOLFSPEED, INC. WS1A2639-V2-R00A Datasheet HTML 4Page - WOLFSPEED, INC. WS1A2639-V2-R00A Datasheet HTML 5Page - WOLFSPEED, INC. WS1A2639-V2-R00A Datasheet HTML 6Page - WOLFSPEED, INC. WS1A2639-V2-R00A Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
All published data at TCASE = 25°C unless otherwise indicated
Rev. 03, 2023-02-04
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
WS1A2639
Package PG-LGA-6x6-3-1
GaN on SiC Power Amplifier Module for 5G
Features
• GaN on SiC technology
• Frequency: 2496-2690 MHz
• Average Output Power : 6 to 8 W maximum
• PSAT = 48 dBm
• RF inputs matched to 50 Ω and DC matched
• Gate bias supply for main and peak sides available from either side
of device
• Integrated harmonic terminations
• Pb-free and RoHS compliant
WS1A2639
Description
The WS1A2639 is an Asymmetric Doherty Power Amplifier Module (PAM) integrating Wolfspeed GaN on SiC technology with RF matching
and biasing networks on a multilayer laminate substrate with advanced heat sinking technology. The WS1A2639 has been designed to
operate from 2496 MHz to 2690 MHz supply voltages of up to 50 V at average output power levels of 6 to 8 W with crest-factor reduced
and digitally pre-distorted LTE and 5G NR signals with instantaneous bandwidths of up to 200 MHz. The device is housed in a 6 mm X 6
mm land grid array (LGA) package.
Typical Broadband Performance
Single-carrier LTE Performance (tested in Wolfspeed applications circuit for 2500 – 2700 MHz)
VDD = 48 V, IDQ(main) = 25 mA, VGS(peak) = –5 V, channel bandwidth = 5 MHz, input PAR = 10 dB @ 0.01% CCDF
POUT
(dBM)
Gain
(dB)
Efficiency
(%)
ACPR –
(dBc)
ACPR +
(dBc)
PAR
(dB)
2500 MHz
38.5
17.8
53.5
–26.5
–26.2
8.05
2600 MHz
38.5
17.8
54.3
–26
–25.7
7.95
2700 MHz
38.5
16.9
53.2
–28
–28.5
8.2


Similar Part No. - WS1A2639-V2-R00A

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
WS1A3640 WOLFSPEED-WS1A3640 Datasheet
422Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WS1A3640-V2-R00A WOLFSPEED-WS1A3640-V2-R00A Datasheet
422Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WS1A3640-V2-R1 WOLFSPEED-WS1A3640-V2-R1 Datasheet
422Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WS1A3640-V2-R3K WOLFSPEED-WS1A3640-V2-R3K Datasheet
422Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WS1A3640V2-01 WOLFSPEED-WS1A3640V2-01 Datasheet
422Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
More results

Similar Description - WS1A2639-V2-R00A

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3930D RFMD-RF3930D Datasheet
836Kb / 8P
10W GaN on SiC Power Amplifier Die
RF3931D RFMD-RF3931D Datasheet
798Kb / 9P
30W GaN on SiC Power Amplifier Die
RF3932D RFMD-RF3932D Datasheet
831Kb / 9P
60W GaN on SiC Power Amplifier Die
RF3933D RFMD-RF3933D Datasheet
870Kb / 9P
90W GaN on SiC Power Amplifier Die
RF3934D RFMD-RF3934D Datasheet
689Kb / 9P
120W GaN on SiC Power Amplifier Die
RFHA3942D RFMD-RFHA3942D Datasheet
1Mb / 9P
35W Linear GaN on SiC Power Amplifier Die
logo
NXP Semiconductors
AFSC5G23D37 NXP-AFSC5G23D37 Datasheet
400Kb / 12P
Power Amplifier Module for LTE and 5G
Rev. 1, 05/2019
logo
Cree, Inc
WSGPA01 CREE-WSGPA01 Datasheet
208Kb / 5P
GaN on SiC General Purpose Amplifier
logo
WOLFSPEED, INC.
WS1A3640 WOLFSPEED-WS1A3640 Datasheet
422Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WS1A3940 WOLFSPEED-WS1A3940 Datasheet
424Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com