Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAIXFPCD0SE000 Datasheet(PDF) 32 Page - Intel Corporation

Part # FAIXFPCD0SE000
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXFPCD0SE000 Datasheet(HTML) 32 Page - Intel Corporation

Back Button FAIXFPCD0SE000 Datasheet HTML 28Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 29Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 30Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 31Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 32Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 33Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 34Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 35Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 226 page
background image
Intel® LXT9785 and Intel® LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
34
Datasheet
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
135 GNDR4
–
Table 15 (page 48)
136 TPFOP4
AO/AI
Table 11 (page 42)
137 TPFON4
AO/AI
Table 11 (page 42)
138 VCCT4/5
–
Table 15 (page 48)
139 TPFON5
AO/AI
Table 11 (page 42)
140 TPFOP5
AO/AI
Table 11 (page 42)
141 GNDR5
–
Table 15 (page 48)
142 TPFIN5
AI/AO
Table 11 (page 42)
143 TPFIP5
AI/AO
Table 11 (page 42)
144 VCCR5
–
Table 15 (page 48)
145 VCCR6
–
Table 15 (page 48)
146 TPFIP6
AI/AO
Table 11 (page 42)
147 TPFIN6
AI/AO
Table 11 (page 42)
148 GNDT6/7
–
Table 15 (page 48)
149 GNDR6
–
Table 15 (page 48)
150 TPFOP6
AO/AI
Table 11 (page 42)
151 TPFON6
AO/AI
Table 11 (page 42)
152 VCCT6/7
–
Table 15 (page 48)
153 TPFON7
AO/AI
Table 11 (page 42)
154 TPFOP7
AO/AI
Table 11 (page 42)
155 GNDR7
–
Table 15 (page 48)
156 TPFIN7
AI/AO
Table 11 (page 42)
157 TPFIP7
AI/AO
Table 11 (page 42)
158 VCCR7
–
Table 15 (page 48)
159 N/C
–
Table 16 (page 50)
160 N/C
–
Table 16 (page 50)
161 SD4
I
Table 10 (page 42)
162 SD5
I
Table 10 (page 42)
163 GNDPECL
–
Table 15 (page 48)
164 VCCPECL
–
Table 15 (page 48)
165 SD6
I
Table 10 (page 42)
166 SD7
I
Table 10 (page 42)
167 TDI
I, ST, IP
Table 12 (page 43)
168 TDO
O, TS
Table 12 (page 43)
169 TMS
I, ST, IP
Table 12 (page 43)
170 TCK
I, ST, ID
Table 12 (page 43)
171 TRST
I, ST, IP
Table 12 (page 43)
172 N/C
–
Table 16 (page 50)
Pin Symbol
Type1
Reference for Full
Description
173 G_FX/TP
I, ST, ID
Table 13 (page 43)
174 PWRDWN
I, ST, ID
Table 13 (page 43)
175 RESET
I, ST, IP
Table 13 (page 43)
176 SECTION
I, ST, ID
Table 13 (page 43)
177 ModeSel0
I, ST, ID
Table 13 (page 43)
178 ModeSel1
I, ST, ID
Table 13 (page 43)
179 SGND
–
Table 15 (page 48)
180 LED4_1
OD, TS,
SL, IP
Table 14 (page 47)
181 LED4_2
OD, TS,
SL, IP
Table 14 (page 47)
182 LED4_3
OD, TS,
SL, IP
Table 14 (page 47)
183 GNDD
–
Table 15 (page 48)
184 VCCD
–
Table 15 (page 48)
185 LED5_1
OD, TS,
SL, IP
Table 14 (page 47)
186 LED5_2
OD, TS,
SL, IP
Table 14 (page 47)
187 LED5_3
OD, TS,
SL, IP
Table 14 (page 47)
188 GNDIO
–
Table 15 (page 48)
189 LED6_1
OD, TS,
SL, IP
Table 14 (page 47)
190 LED6_2
OD, TS,
SL, IP
Table 14 (page 47)
191 LED6_3
OD, TS,
SL, IP
Table 14 (page 47)
192 LED7_1
OD, TS,
SL, IP
Table 14 (page 47)
193 LED7_2
OD, TS,
SL, IP
Table 14 (page 47)
194 LED7_3
OD, TS,
SL, IP
Table 14 (page 47)
195 GNDD
–
Table 15 (page 48)
196 VCCD
–
Table 15 (page 48)
197 RxData7
O, TS,
ID
Table 8 (page 40)
198 N/C
–
Table 16 (page 50)
199 GNDIO
–
Table 15 (page 48)
200 N/C
–
Table 16 (page 50)
201 TxCLK1
I, ID
Table 8 (page 40)
202 N/C
–
Table 16 (page 50)
Pin Symbol
Type1
Reference for Full
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com