Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAIXFPCD0SE000 Datasheet(PDF) 49 Page - Intel Corporation

Part # FAIXFPCD0SE000
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXFPCD0SE000 Datasheet(HTML) 49 Page - Intel Corporation

Back Button FAIXFPCD0SE000 Datasheet HTML 45Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 46Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 47Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 48Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 49Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 50Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 51Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 52Page - Intel Corporation FAIXFPCD0SE000 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
Datasheet
51
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
3.3
BGA23 Ball Assignments
The following sections provide BGA23 ball location and signal description information for RMII,
SMII, and SS-SMII:
• Table 3.3.1 “RMII BGA23 Ball List” on page 52
• Table 3.3.2 “SMII BGA23 Ball List” on page 62
• Table 3.3.3 “SS-SMII BGA23 Ball List” on page 72
• Table 3.4 “BGA23 Signal Descriptions” on page 82
Figure 5 illustrates the LXT9785/LXT9785E 241-ball BGA23 ball locations for RMII, SMII, and
SS-SMII.
Figure 5. Intel® LXT9785/LXT9785E 241-Ball BGA23 Assignments (Top View)
B1498-01
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
= No Ball
U6
U5
U4
U3
U2
U1
T6
T5
T4
T3
T2
T1
R6
R5
R4
R3
R2
R1
P6
P5
P4
P3
P2
P1
N6
N5
N4
N3
N2
N1
M6
M5
M4
M3
M2
M1
L6
L5
L4
L3
L2
L1
K6
K5
K4
K3
K2
K1
J6
J5
J4
J3
J2
J1
H6
H5
H4
H3
H2
H1
G6
G5
G4
G3
G2
G1
F17
F16
F15
F14
F13
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
E17
E16
E15
E14
E13
E12
E11
E10
E9
E8
E7
E6
E5
E4
E3
E2
E1
D17
D16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
C17
C16
C15
C14
C13
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
B17
B16
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B1
A17
A16
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
B2
G7
G8
G9
G10 G11 G12 G13 G14 G15 G16 G17
H7
H8
H9
H10 H11
H12
H13
H14 H15
H16
H17
J7
K7
L7
M7
J8
K8
L8
M8
J9
K9
L9
M9
J10
K10
L10
M10
J11
K11
L11
M11
J12
K12
L12
M12
J13
K13
L13
M13
J14
K14
L14
M14
J15
K15
L15
M15
J16
K16
L16
M16
J17
K17
L17
M17
N7
P7
R7
T7
U7
N8
P8
R8
T8
U8
N9
P9
R9
T9
U9
N10
P10
R10
T10
U10
N11
P11
R11
T11
U11
N12
P12
R12
T12
U12
N13
P13
R13
T13
U13
N14
P14
R14
T14
U14
N15
P15
R15
T15
U15
N16
P16
R16
T16
U16
N17
P17
R17
T17
U17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com