Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1017 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1017
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1017 Datasheet HTML 3Page - Microchip Technology TC1017 Datasheet HTML 4Page - Microchip Technology TC1017 Datasheet HTML 5Page - Microchip Technology TC1017 Datasheet HTML 6Page - Microchip Technology TC1017 Datasheet HTML 7Page - Microchip Technology TC1017 Datasheet HTML 8Page - Microchip Technology TC1017 Datasheet HTML 9Page - Microchip Technology TC1017 Datasheet HTML 10Page - Microchip Technology TC1017 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
 2003 Microchip Technology Inc.
DS21813B-page 7
TC1017
Note: Unless otherwise noted, VIN = VR + 1V, IL = 100 µA, CL = 1.0 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-19:
Power Supply Rejection
Ratio vs. Frequency.
FIGURE 2-20:
Wake-Up Response.
FIGURE 2-21:
Wake-Up Response.
FIGURE 2-22:
Load Transient Response.
FIGURE 2-23:
Load Transient Response.
FIGURE 2-24:
Line Transient Response.
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (KHz)
VINDC = 3.85V
VINAC = 100 mVp-p
VOUTDC = 2.85V
IOUT =50mA
COUT =1µFX7R Ceramic
V
IN = 3.85V
C
IN = 10 µF
C
OUT = 1 µF Ceramic
Shutdow n Input
V
OUT = 2.85V
V
IN = 3.85V
C
IN = 10 µF
C
OUT = 4.7 µF Ceramic
Shutdow n Input
V
OUT = 2.85V
V
IN = 3.85V
C
IN = 10 µF
C
OUT = 1 µF Ceramic
V
OUT = 2.85V
I
OUT = 0.1 mA to 120 mA
V
IN = 3.85V
C
IN = 10 µF
C
OUT = 4.7 µF Ceramic
V
OUT = 2.85V
I
OUT = 0.1 mA to 120 mA
C
IN = 0 µF
C
OUT = 1.0 µF Ceramic
I
LOAD = 120 mA
V
OUT = 2.85V
V
IN = 3.85V to 4.85V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com