Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1017 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1017
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017 Datasheet(HTML) 1 Page - Microchip Technology

  TC1017 Datasheet HTML 1Page - Microchip Technology TC1017 Datasheet HTML 2Page - Microchip Technology TC1017 Datasheet HTML 3Page - Microchip Technology TC1017 Datasheet HTML 4Page - Microchip Technology TC1017 Datasheet HTML 5Page - Microchip Technology TC1017 Datasheet HTML 6Page - Microchip Technology TC1017 Datasheet HTML 7Page - Microchip Technology TC1017 Datasheet HTML 8Page - Microchip Technology TC1017 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2003 Microchip Technology Inc.
DS21813B-page 1
M
TC1017
Features
• Space-saving 5-Pin SC-70 and SOT-23
Packages
• Extremely Low Operating Current for Longer
Battery Life: 53 µA (typ.)
• Very Low Dropout Voltage
• Rated 150 mA Output Current
• Requires Only 1 µF Ceramic Output Capacitance
• High Output Voltage Accuracy:
±0.5% (typ.)
• 10 µsec (typ.) Wake-Up Time from SHDN
• Power-Saving Shutdown Mode: 0.05 µA (typ.)
• Overcurrent and Overtemperature Protection
• Pin Compatible Upgrade for Bipolar Regulators
Applications
• Cellular/GSM/PHS Phones
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Electronic Games
• Pagers
General Description
The TC1017 is a high-accuracy (typically ±0.5%)
CMOS upgrade for bipolar low dropout regulators. It is
offered in a SC-70 or SOT-23 package. The SC-70
package represents a 50% reduced footprint versus
the popular SOT-23 package.
Developed specifically for battery-powered systems,
the TC1017’s CMOS construction consumes only
53 µA typical supply current over the entire 150 mA
operating load range. This can be as much as 60 times
less than the quiescent operating current consumed by
bipolar LDOs.
With small-space requirements and cost in mind, the
TC1017 was developed to be stable over the entire
input voltage and output current operating range using
low value (1 µF ceramic), low equivalent series
resistance output capacitors. Additional integrated
features,
such
as
shutdown,
overcurrent
and
overtemperature protection, further reduce the board
space and cost of the entire voltage regulating
application.
Key performance parameters for the TC1017 are low
dropout voltage (285 mV typical at 150 mA output
current), low supply current while shutdown (0.05 µA
typical) and fast stable response to sudden input
voltage and load changes.
Package Types
SC-70
13
4
5
2
SHDN NC
V
OUT
V
IN
GND
TC1017
SOT-23
1
23
54
NC
V
OUT
SHDN
GND
V
IN
TC1017
150 mA, Tiny CMOS LDO With Shutdown


Similar Part No. - TC1017

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1017 MICROCHIP-TC1017 Datasheet
299Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1017 MICROCHIP-TC1017 Datasheet
622Kb / 28P
150 mA, Tiny CMOS LDO With Shutdown
Revision G August 2023
TC1017-1.85VCT MICROCHIP-TC1017-1.85VCT Datasheet
299Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1017-1.8VCT MICROCHIP-TC1017-1.8VCT Datasheet
299Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1017-1.8VLTTR MICROCHIP-TC1017-1.8VLTTR Datasheet
622Kb / 28P
150 mA, Tiny CMOS LDO With Shutdown
Revision G August 2023
More results

Similar Description - TC1017

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
80MA TINY CMOS LDO WITH SHUTDOWN
2001
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
80 mA, Tiny CMOS LDO With Shutdown
2005
MCP1804 MICROCHIP-MCP1804 Datasheet
649Kb / 38P
150 mA, 28V LDO Regulator With Shutdown
2009
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
logo
Microchip Technology
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1016 MICROCHIP-TC1016_13 Datasheet
297Kb / 22P
80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
MCP1804T-5002I MICROCHIP-MCP1804T-5002I Datasheet
545Kb / 38P
150 mA, 28V LDO Regulator With Shutdown
03/26/09
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
03/01/05
MCP1804 MICROCHIP-MCP1804_13 Datasheet
2Mb / 36P
150 mA, 28V LDO Regulator With Shutdown
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com