Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH2430 Datasheet(PDF) 3 Page - ams AG

Part # SFH2430
Description  DIL SMT Ambient Light Sensor Silicon Photodiode withCharacteristic
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH2430 Datasheet(HTML) 3 Page - ams AG

  SFH2430 Datasheet HTML 1Page - ams AG SFH2430 Datasheet HTML 2Page - ams AG SFH2430 Datasheet HTML 3Page - ams AG SFH2430 Datasheet HTML 4Page - ams AG SFH2430 Datasheet HTML 5Page - ams AG SFH2430 Datasheet HTML 6Page - ams AG SFH2430 Datasheet HTML 7Page - ams AG SFH2430 Datasheet HTML 8Page - ams AG SFH2430 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SFH 2430
3 Version 1.4 | 2021-06-08
Characteristics
T
A = 25 °C
Parameter
Symbol
Values
Spectral sensitivity
V
R = 5 V; Std. Light A; T = 2856 K
S
min.
typ.
5 nA/lx
6.3 nA/lx
Wavelength of max sensitivity
λ
S max
typ.
570 nm
Spectral range of sensitivity
λ
10%
typ.
400 ... 900 nm
Radiant sensitive area
A
typ.
7.02 mm²
Dimensions of active chip area
L x W
typ.
2.65 x 2.65
mm x mm
Half angle
φ
typ.
60 °
Dark current
V
R = 5 V
I
R
typ.
max.
0.1 nA
5 nA
Spectral sensitivity of the chip
λ = 550 nm
S
λ
typ.
0.17 A / W
Short-circuit current
E
v = 1000 lx; Std. Light A; VR = 0 V
I
SC
typ.
6.1 µA
Rise time
V
R = 5 V; RL = 50 Ω; λ = 550 nm
t
r
typ.
200 µs
Fall time
V
R = 5 V; RL = 50 Ω; λ = 550 nm
t
f
typ.
200 µs
Forward voltage
I
F = 100 mA; E = 0
V
F
typ.
1.2 V
Capacitance
V
R = 0 V; f = 1 MHz; E = 0
C
0
typ.
1000 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com