Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH2430 Datasheet(PDF) 4 Page - ams AG

Part # SFH2430
Description  DIL SMT Ambient Light Sensor Silicon Photodiode withCharacteristic
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH2430 Datasheet(HTML) 4 Page - ams AG

  SFH2430 Datasheet HTML 1Page - ams AG SFH2430 Datasheet HTML 2Page - ams AG SFH2430 Datasheet HTML 3Page - ams AG SFH2430 Datasheet HTML 4Page - ams AG SFH2430 Datasheet HTML 5Page - ams AG SFH2430 Datasheet HTML 6Page - ams AG SFH2430 Datasheet HTML 7Page - ams AG SFH2430 Datasheet HTML 8Page - ams AG SFH2430 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SFH 2430
4 Version 1.4 | 2021-06-08
Relative Spectral Sensitivity 2), 3)
S
rel = f (λ)
400
0
20
40
Srel
80
60
%
100
λ
OHF02387
500 600 700 800 900 nm 1100
10
30
50
70
Directional Characteristics 2), 3)
S
rel = f (φ)
OHF01402
90
80
70
60
50
40
30
20
10
20
40
60
80
100
120
0.4
0.6
0.8
1.0
ϕ
0.2
0.4
0.6
0.8
1.0
100
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com