Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G99DP Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G99DP
Description  Ultra-configurable multiple function gate; 3-state
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G99DP Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G99DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC1G99DP Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Nexperia
74LVC1G99
Ultra-configurable multiple function gate; 3-state
10.2. Waveforms transfer characteristics
mna207
VO
VI
VH
VT+
VT-
Fig. 19. Transfer characteristic
mna208
VO
VI
VH
VT+
VT-
Fig. 20. Definition of VT+, VT- and VH
mnb154
VO
VH
VI
VT+
VT-
Fig. 21. Transfer characteristic
mnb155
VO
VI
VH
VT+
VT-
Fig. 22. Definition of VT+, VT- and VH
001aab594
VI (V)
0
3
2
1
8
4
12
16
ICC
(mA)
0
Fig. 23. Typical 74LVC1G99 transfer characteristic; VCC = 3.0 V
74LVC1G99
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 11 — 25 July 2019
13 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com